Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 493 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 493 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 489Page - Renesas Technology Corp SH7713 Datasheet HTML 490Page - Renesas Technology Corp SH7713 Datasheet HTML 491Page - Renesas Technology Corp SH7713 Datasheet HTML 492Page - Renesas Technology Corp SH7713 Datasheet HTML 493Page - Renesas Technology Corp SH7713 Datasheet HTML 494Page - Renesas Technology Corp SH7713 Datasheet HTML 495Page - Renesas Technology Corp SH7713 Datasheet HTML 496Page - Renesas Technology Corp SH7713 Datasheet HTML 497Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 493 / 904 page
background image
Section 12 Bus State Controller (BSC)
Rev.1.50 Aug. 30, 2006 Page 453 of 860
REJ09B0288-0150
12.5.9
Burst ROM (Clock Synchronous) Interface
The burst ROM (clock synchronous) interface is supported to access a ROM with a synchronous
burst function at high speed. The burst ROM interface accesses the burst ROM in the same way as
a normal space. This interface is valid only for area 0.
In the first access cycle, wait cycles are inserted. In this case, the number of wait cycles to be
inserted is specified by the W[3:0] bits of the CS0WCR. In the second and subsequent cycles, the
number of wait cycles to be inserted is specified by the BW[1:0] bits of the CS0WCR.
While the burst ROM is accessed (clock synchronous), the
BS signal is asserted only for the first
access cycle and an external wait input is also valid for the first access cycle.
If the bus width is 16 bits, the burst length must be specified as 8. If the bus width is 32 bits, the
burst length must be specified as 4. The burst ROM interface does not support the 8-bit bus width
for the burst ROM. The burst ROM interface performs burst operations for all read accesses. For
example, in a longword access over a 16-bit bus, valid 16-bit data is read two times and invalid
16-bit data is read six times.
These invalid data read cycles increase the memory access time and degrade the program
execution speed and DMA transfer speed. To prevent this problem, a 16-byte read by cache fill or
16-byte read by the DMA should be used. The burst ROM interface performs write accesses in the
same way as normal space access.
Note:
The burst ROM (clock synchronous) must be accessed as cacheable space.
Twb
CKIO
Address
Note: The waveform for DACKn is when active low is specified.
CSn
RD/
WR
RD
D15 to D0
DACKn*
BS
T1
T2
Tw
T2B
Tw
T2B
Twb
Twb
T2B
T2B
Twb
Twb
T2B
T2B
Twb
T2B
Twb
WAIT
Figure 12.45 Burst ROM (Clock Synchronous) Access Timing
(Burst Length = 8, Wait Cycles inserted in First Access = 2,
Wait Cycles inserted in Second and Subsequent Accesses = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com