Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 496 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 496 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 492Page - Renesas Technology Corp SH7713 Datasheet HTML 493Page - Renesas Technology Corp SH7713 Datasheet HTML 494Page - Renesas Technology Corp SH7713 Datasheet HTML 495Page - Renesas Technology Corp SH7713 Datasheet HTML 496Page - Renesas Technology Corp SH7713 Datasheet HTML 497Page - Renesas Technology Corp SH7713 Datasheet HTML 498Page - Renesas Technology Corp SH7713 Datasheet HTML 499Page - Renesas Technology Corp SH7713 Datasheet HTML 500Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 496 / 904 page
background image
Section 12 Bus State Controller (BSC)
Rev.1.50 Aug. 30, 2006 Page 456 of 860
REJ09B0288-0150
while the SDRAM waits for the refresh. The LSI asserts the
REFOUT pin until the bus mastership
is received. If the slave releases the bus, the LSI acquires the bus mastership to execute the
SDRAM refresh.
The bus release by the
BREQ and BACK signal handshaking requires some overhead. If the slave
has many tasks, multiple bus cycles should be executed in a bus mastership acquisition. Reducing
the cycles required for master to slave bus mastership transitions streamlines the system design.
CKIO
A25 to A0
CSn
Other bus
control signals
D31 to D0
BREQ
BACK
Figure 12.46 Bus Arbitration Timing
12.5.12
Others
Reset: The bus state controller (BSC) can be initialized completely only at power-on reset. At
power-on reset, all signals are negated and output buffers are turned off regardless of the bus cycle
state. All control registers are initialized. In standby, sleep, and manual reset, control registers of
the bus state controller are not initialized. At manual reset, the current bus cycle being executed is
completed and then the access wait state is entered. If a 16-byte transfer is performed by a cache
or if another LSI on-chip bus master module is executed when a manual reset occurs, the current
access is cancelled in longword units because the access request is cancelled by the bus master at
manual reset. If a manual reset is requested during cache fill operations, the contents of the cache
cannot be guaranteed. Since the RTCNT continues counting up during manual reset signal
assertion, a refresh request occurs to initiate the refresh cycle. Note, however, a bus arbitration
request by the
BREQ signal can’t be accepted during manual reset signal assertion.
Some flash memories may specify a minimum time from reset release to the first access. To
ensure this minimum time, the bus state controller supports a 5-bit reset wait counter (RWTCNT).
At power-on reset, the RWTCNT is cleared to 0. After a power-on reset, RWTCNT is counted up
synchronously together with CKIO and an external access will not be generated until RWTCNT is
counted up to H
′007F. At a manual reset, RWTCNT is not cleared. RWTCNT cannot be read from
or written to.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com