Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 499 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 499 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 495Page - Renesas Technology Corp SH7713 Datasheet HTML 496Page - Renesas Technology Corp SH7713 Datasheet HTML 497Page - Renesas Technology Corp SH7713 Datasheet HTML 498Page - Renesas Technology Corp SH7713 Datasheet HTML 499Page - Renesas Technology Corp SH7713 Datasheet HTML 500Page - Renesas Technology Corp SH7713 Datasheet HTML 501Page - Renesas Technology Corp SH7713 Datasheet HTML 502Page - Renesas Technology Corp SH7713 Datasheet HTML 503Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 499 / 904 page
background image
Section 13 Direct Memory Access Controller (DMAC)
Rev.1.50 Aug. 30, 2006 Page 459 of 860
REJ09B0288-0150
Section 13 Direct Memory Access Controller (DMAC)
The direct memory access controller (DMAC) can be used in place of the CPU to perform high-
speed transfers between external devices that have DACK (transfer request acknowledge signal),
external memory, on-chip memory, memory-mapped external devices, and on-chip peripheral
modules.
13.1
Features
• Six channels (Two channels can receive an external request)
• 4-Gbyte physical address space
• Data transfer unit is selectable: Byte, Word (two bytes), Longword (four bytes), and 16 bytes
(longword
× 4)
• Maximum transfer count: 16,777,216 transfers (24 bits)
• Address mode: Dual address mode and single address mode are supported.
• Transfer requests:
An external request, on-chip peripheral module request, or auto request can be selected.
The following modules can issue an on-chip peripheral module request.
SCIF0, SCIF1, SIOF0, SIOF1
• Bus mode: Cycle steal mode or burst mode can be selected.
• Channel priority levels: The channel priority levels are selectable between fixed mode and
round-robin mode.
• Interrupt request: An interrupt request can be generated to the CPU at the end of the specified
counts of data transfer.
• External request detection: There are following four types of DREQ input detection.
Low-level detection
High-level detection
Rising-edge detection
Falling-edge detection
• Transfer request acknowledge and transfer end signals: Active levels for DACK and TEND
can be set independently.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com