Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 498 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 498 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 494Page - Renesas Technology Corp SH7713 Datasheet HTML 495Page - Renesas Technology Corp SH7713 Datasheet HTML 496Page - Renesas Technology Corp SH7713 Datasheet HTML 497Page - Renesas Technology Corp SH7713 Datasheet HTML 498Page - Renesas Technology Corp SH7713 Datasheet HTML 499Page - Renesas Technology Corp SH7713 Datasheet HTML 500Page - Renesas Technology Corp SH7713 Datasheet HTML 501Page - Renesas Technology Corp SH7713 Datasheet HTML 502Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 498 / 904 page
background image
Section 12 Bus State Controller (BSC)
Rev.1.50 Aug. 30, 2006 Page 458 of 860
REJ09B0288-0150
In write-through mode, the cache is first searched. If data is detected at the address corresponding
to the cache, the data is re-written to the cache simultaneously with the actual write via the internal
bus. If data is not detected at the address corresponding to the cache, the cache is not modified but
an actual write is performed via the internal bus.
Since the bus state controller (BSC) incorporates a one-stage write buffer, the BSC can execute an
access via the internal bus before the previous external bus cycle is completed in a write cycle. If
the on-chip module is read or written after the external low-speed memory is written, the on-chip
module can be accessed before the completion of the external low-speed memory write cycle.
In read cycles, the CPU is placed in the wait state until read operation has been completed. To
continue the process after the data write to the device has been completed, perform a dummy read
to the same address to check for completion of the write before the next process to be executed.
The write buffer of the BSC functions in the same way for an access by a bus master other than
the CPU such as the DMAC or E-DMAC. Accordingly, to perform dual address DMA transfers,
the next read cycle is initiated before the previous write cycle is completed. Note, however, that if
both the DMA source and destination addresses exist in external memory space, the next write
cycle will not be initiated until the previous write cycle is completed.
On-Chip Peripheral Module Access: To access an on-chip module register, two or more
peripheral module clock (P
φ) cycles are required. Care must be taken in system design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com