Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 491 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 491 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 487Page - Renesas Technology Corp SH7713 Datasheet HTML 488Page - Renesas Technology Corp SH7713 Datasheet HTML 489Page - Renesas Technology Corp SH7713 Datasheet HTML 490Page - Renesas Technology Corp SH7713 Datasheet HTML 491Page - Renesas Technology Corp SH7713 Datasheet HTML 492Page - Renesas Technology Corp SH7713 Datasheet HTML 493Page - Renesas Technology Corp SH7713 Datasheet HTML 494Page - Renesas Technology Corp SH7713 Datasheet HTML 495Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 491 / 904 page
background image
Section 12 Bus State Controller (BSC)
Rev.1.50 Aug. 30, 2006 Page 451 of 860
REJ09B0288-0150
If the PCMCIA card is accessed as an I/O card in little endian mode, dynamic bus sizing for the
I/O bus can be achieved using the
IOIS16 signal. If the IOIS16 signal is brought high in a word-
size I/O bus cycle while the bus width of area 6 is specified as 16 bits, the bus width is recognized
as 8 bits and data is accessed twice in 8-bit units in the I/O bus cycle to be executed.
The
IOIS16 signal is sampled at the falling edge of CKIO in the Tpci0, Tpci0w, and Tpci1 cycles
when the TED[3:0] bits are specified as 1.5 cycles or more, and is reflected in the CE2 signal 1.5
cycles after the CKIO sampling point. The TED[3:0] bits must be specified appropriately to satisfy
the setup time from
ICIORD and ICIOWR of the PC card to CEn.
Figure 12.44 shows the dynamic bus sizing basic timing.
Note that the
IOIS16 signal is not supported in big endian mode. In the big endian mode, the
IOIS16 signal must be fixed low.
Tpci1w
CKIO
A25 to A0
CExx
RD/
WR
ICIORD
D15 to D0
ICIOWR
D15 to D0
BS
Read
Write
Tpci2
Tpci1
Tpci1w
Tpci1w
Figure 12.42 Basic Timing for PCMCIA I/O Card Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com