Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 781 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 781 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 777Page - Renesas Technology Corp SH7713 Datasheet HTML 778Page - Renesas Technology Corp SH7713 Datasheet HTML 779Page - Renesas Technology Corp SH7713 Datasheet HTML 780Page - Renesas Technology Corp SH7713 Datasheet HTML 781Page - Renesas Technology Corp SH7713 Datasheet HTML 782Page - Renesas Technology Corp SH7713 Datasheet HTML 783Page - Renesas Technology Corp SH7713 Datasheet HTML 784Page - Renesas Technology Corp SH7713 Datasheet HTML 785Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 781 / 904 page
background image
Section 22 User Debugging Interface (H-UDI)
Rev.1.50 Aug. 30, 2006 Page 741 of 860
REJ09B0288-0150
22.3.4
ID Register (SDID)
The ID register (SDID) is a 32-bit read-only register in which SDIDH and SDIDL are connected.
Each register is a 16-bit that can be read by CPU.
The IDCODE command is set from the H-UDI pin. This register can be read from the TDO when
the TAP state is Shift-DR. Writing is disabled.
Bit
Bit Name
Initial Value
R/W
Description
31 to 0
DID31 to
DID0
Refer to
description
R
Device ID31 to 0
Device ID register that is stipulated by JTAG.
Device ID in this LSI is H'081E200F. Upper four
bits may be changed by the chip version.
SDIDH corresponds to bits 31 to 16.
SDIDL corresponds to bits 15 to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com