Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 782 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 782 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 778Page - Renesas Technology Corp SH7713 Datasheet HTML 779Page - Renesas Technology Corp SH7713 Datasheet HTML 780Page - Renesas Technology Corp SH7713 Datasheet HTML 781Page - Renesas Technology Corp SH7713 Datasheet HTML 782Page - Renesas Technology Corp SH7713 Datasheet HTML 783Page - Renesas Technology Corp SH7713 Datasheet HTML 784Page - Renesas Technology Corp SH7713 Datasheet HTML 785Page - Renesas Technology Corp SH7713 Datasheet HTML 786Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 782 / 904 page
background image
Section 22 User Debugging Interface (H-UDI)
Rev.1.50 Aug. 30, 2006 Page 742 of 860
REJ09B0288-0150
22.4
Operation
22.4.1
TAP Controller
Figure 22.2 shows the internal states of the TAP controller. State transitions basically conform
with the JTAG standard.
Test-logic-reset
Capture-DR
Shift-DR
Exit1-DR
Pause-DR
Exit2-DR
Update-DR
Select-DR-scan
Run-test/idle
1
0
0
0
0
1
1
1
1
0
0
0
1
11
0
1
1
1
0
Capture-IR
Shift-IR
Exit1-IR
Pause-IR
Exit2-IR
Update-IR
Select-IR-scan
0
0
1
0
0
1
0
1
1
10
0
Figure 22.2 TAP Controller State Transitions
Note:
The transition condition is the TMS value at the rising edge of TCK. The TDI value is
sampled at the rising edge of TCK; shifting occurs at the falling edge of TCK. For details
on change timing of the TDO value, see section 22.4.3, TDO Output Timing. The TDO is
at high impedance, except with shift-DR and shift-IR states. During the change to
TRST =
0, there is a transition to test-logic-reset asynchronously with TCK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com