Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 786 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 786 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 782Page - Renesas Technology Corp SH7713 Datasheet HTML 783Page - Renesas Technology Corp SH7713 Datasheet HTML 784Page - Renesas Technology Corp SH7713 Datasheet HTML 785Page - Renesas Technology Corp SH7713 Datasheet HTML 786Page - Renesas Technology Corp SH7713 Datasheet HTML 787Page - Renesas Technology Corp SH7713 Datasheet HTML 788Page - Renesas Technology Corp SH7713 Datasheet HTML 789Page - Renesas Technology Corp SH7713 Datasheet HTML 790Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 786 / 904 page
background image
Section 22 User Debugging Interface (H-UDI)
Rev.1.50 Aug. 30, 2006 Page 746 of 860
REJ09B0288-0150
Data loaded into the output pin boundary scan register in the Capture-DR state is not used for
external circuit testing (it is replaced by a shift operation).
The upper four bits of the instruction code are B'0000.
IDCODE: A command can be set in SDIR by the H-UDI pins to place the H-UDI pins in the
IDCODE mode stipulated by JTAG. When the H-UDI is initialized (
TRST is asserted or TAP is in
the Test-Logic-Reset state), the IDCODE mode is entered.
CLAMP, HIGHZ: A command can be set in SDIR by the H-UDI pins to place the H-UDI pins in
the CLAMP or HIGHZ mode stipulated by JTAG.
22.5.2
Points for Attention
1. Boundary scan mode does not cover clock-related signals (EXTAL, EXTAL2, XTAL,
XTAL2, CKIO, CKIO2).
2. Boundary scan mode does not cover reset-related signals (
RESETP, RESETM).
3. Boundary scan mode does not cover H-UDI-related signals (TCK, TDI, TDO, TMS,
TRST).
4. Boundary scan mode does not cover the
ASEMD0 pin.
5. When the EXTEST, CLAMP, and HIGHZ commands are set, fix the
RESETP pin low.
6. When a boundary scan test for other than BYPASS and IDCODE is carried out, fix the
ASEMD0 pin high.
22.6
Usage Notes
1. An H-UDI command, once set, will not be modified as long as another command is not re-
issued from the H-UDI. If the same command is given continuously, the command must be set
after a command (BYPASS, etc.) that does not affect chip operations is once set.
2. In standby mode, the H-UDI function cannot be used. To retain the TAP status before and
after standby mode, keep TCK high before entering standby mode.
3. The H-UDI is used for emulator connection. Therefore, H-UDI functions cannot be used when
using an emulator.
22.7
Advanced User Debugger (AUD)
The AUD is a function only for an emulator. For details on the AUD, refer to each emulator’s
user’s manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com