Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 788 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 788 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 784Page - Renesas Technology Corp SH7713 Datasheet HTML 785Page - Renesas Technology Corp SH7713 Datasheet HTML 786Page - Renesas Technology Corp SH7713 Datasheet HTML 787Page - Renesas Technology Corp SH7713 Datasheet HTML 788Page - Renesas Technology Corp SH7713 Datasheet HTML 789Page - Renesas Technology Corp SH7713 Datasheet HTML 790Page - Renesas Technology Corp SH7713 Datasheet HTML 791Page - Renesas Technology Corp SH7713 Datasheet HTML 792Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 788 / 904 page
background image
Section 23 List of Registers
Rev.1.50 Aug. 30, 2006 Page 748 of 860
REJ09B0288-0150
23.1
Register Addresses
(by functional module, in order of the corresponding section
numbers)
Entries under Access Size indicates number of bits.
Note:
Access to undefined or reserved addresses is prohibited. Since operation or continued
operation is not guaranteed when these registers are accessed, do not attempt such access.
Abbreviation
Module*
1
Bus*
2
Address
Size (bit)
Access Size
(bit)*
3
INTEVT
L
H'FFFF FFD8
32
32
INTEVT2
L
H'A400 0000
32
32
TRA
L
H'FFFF FFD0
32
32
EXPEVT
L
H'FFFF FFD4
32
32
TEA
Exception
handling
L
H'FFFF FFFC
32
32
MMUCR
L
H'FFFF FFE0
32
32
PTEH
L
H'FFFF FFF0
32
32
PTEL
L
H'FFFF FFF4
32
32
TTB
MMU
L
H'FFFF FFF8
32
32
CCR1
L
H'FFFF FFEC
32
32
CCR2
L
H'A400 00B0
32
32
CCR3
Cache
L
H'A400 00B4
32
32
IPRA
P
H'A414 FEE2
16
16
IPRB
P
H'A414 FEE4
16
16
IPRC
P
H'A414 0016
16
16
IPRD
P
H'A414 0018
16
16
IPRE
P
H'A414 001A
16
16
IPRF
P
H'A408 0000
16
16
IPRG
P
H'A408 0002
16
16
IPRH
P
H'A408 0004
16
16
IPRI
P
H'A408 0006
16
16
ICR0
P
H'A414 FEE0
16
16
ICR1
INTC
P
H'A414 0010
16
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com