Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 787 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 787 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 783Page - Renesas Technology Corp SH7713 Datasheet HTML 784Page - Renesas Technology Corp SH7713 Datasheet HTML 785Page - Renesas Technology Corp SH7713 Datasheet HTML 786Page - Renesas Technology Corp SH7713 Datasheet HTML 787Page - Renesas Technology Corp SH7713 Datasheet HTML 788Page - Renesas Technology Corp SH7713 Datasheet HTML 789Page - Renesas Technology Corp SH7713 Datasheet HTML 790Page - Renesas Technology Corp SH7713 Datasheet HTML 791Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 787 / 904 page
background image
Section 23 List of Registers
Rev.1.50 Aug. 30, 2006 Page 747 of 860
REJ09B0288-0150
Section 23 List of Registers
The address map gives information on the on-chip I/O registers and is configured as described
below.
Register Addresses (by functional module, in order of the corresponding section numbers):
• Descriptions by functional module, in order of the corresponding section numbers.
• Access to reserved addresses which are not described in this list is prohibited.
• When registers consist of 16 or 32 bits, the addresses of the MSBs are given, on the
presumption of a big-endian system.
Register Bits:
• Bit configurations of the registers are described in the same order as the Register Addresses
(by functional module, in order of the corresponding section numbers).
• Reserved bits are indicated by  in the bit name.
• No entry in the bit-name column indicates that the whole register is allocated as a counter or
for holding data.
• When registers consist of 16 or 32 bits, bits are described from the MSB side.
The order in which bytes are described is on the presumption of a big-endian system.
Register States in Each Operating Mode:
• Register states are described in the same order as the Register Addresses (by functional
module, in order of the corresponding section numbers).
• For the initial state of each bit, refer to the description of the register in the corresponding
section.
• The register states described are for the basic operating modes. If there is a specific reset for an
on-chip module, refer to the section on that on-chip module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com