Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 783 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 783 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 779Page - Renesas Technology Corp SH7713 Datasheet HTML 780Page - Renesas Technology Corp SH7713 Datasheet HTML 781Page - Renesas Technology Corp SH7713 Datasheet HTML 782Page - Renesas Technology Corp SH7713 Datasheet HTML 783Page - Renesas Technology Corp SH7713 Datasheet HTML 784Page - Renesas Technology Corp SH7713 Datasheet HTML 785Page - Renesas Technology Corp SH7713 Datasheet HTML 786Page - Renesas Technology Corp SH7713 Datasheet HTML 787Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 783 / 904 page
background image
Section 22 User Debugging Interface (H-UDI)
Rev.1.50 Aug. 30, 2006 Page 743 of 860
REJ09B0288-0150
22.4.2
Reset Configuration
Table 22.4
Reset Configuration
ASEMD0*1
RESETP
TRST
Chip State
H
L
L
Normal reset and H-UDI reset*
4
H
Normal reset*
4
H
L
H-UDI reset only
H
Normal operation
L
L
L
Reset hold*
2
H
In ASE user mode*
3: Normal reset
In ASE break mode*
3:
RESETP assertion is
masked
H
L
H-UDI reset only
H
Normal operation
Notes: 1. Performs normal mode and ASE mode settings
ASEMD0 = H, normal mode
ASEMD0 = L, ASE mode
2. In ASE mode, reset hold is enabled by driving the
RESETP and TRST pins low for a
constant cycle. In this state, the CPU does not activate, even if
RESETP is driven high.
When
TRST is driven high, H-UDI operation is enabled, but the CPU does not activate.
The reset hold state is canceled by the following conditions:
• Another RESETP assertion (power-on reset)
• TRST reassertion
3. ASE mode is classified into two modes; ASE break mode to execute the firmware
program of an emulator and ASE user mode to execute the user program.
4. Make sure the
TRST pin is low when the power is turned on.
22.4.3
TDO Output Timing
The timing of data output from the TDO is switched by the command type set in the SDIR. The
timing changes at the TCK falling edge when JTAG commands (EXTEST, CLAMP, HIGHZ,
SAMPLE/PRELOAD, IDCODE, and BYPASS) are set. This is a timing of the JTAG standard.
When the H-UDI commands (H-UDI reset negate, H-UDI reset assert, and H-UDI interrupt) are
set, TDO is output at the TCK rising edge earlier than the JTAG standard by a half cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com