Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 789 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 789 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 785Page - Renesas Technology Corp SH7713 Datasheet HTML 786Page - Renesas Technology Corp SH7713 Datasheet HTML 787Page - Renesas Technology Corp SH7713 Datasheet HTML 788Page - Renesas Technology Corp SH7713 Datasheet HTML 789Page - Renesas Technology Corp SH7713 Datasheet HTML 790Page - Renesas Technology Corp SH7713 Datasheet HTML 791Page - Renesas Technology Corp SH7713 Datasheet HTML 792Page - Renesas Technology Corp SH7713 Datasheet HTML 793Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 789 / 904 page
background image
Section 23 List of Registers
Rev.1.50 Aug. 30, 2006 Page 749 of 860
REJ09B0288-0150
Abbreviation
Module*
1
Bus*
2
Address
Size (bit)
Access Size
(bit)*
3
IRR0
P
H'A414 0004
8
8
IRR1
P
H'A414 0006
8
8
IRR2
P
H'A414 0008
8
8
IRR3
P
H'A414 000A
8
8
IRR4
P
H'A414 000C
8
8
IRR5
P
H'A408 0020
8
8
IRR7
P
H'A408 0024
8
8
IRR8
INTC
P
H'A408 0026
8
8
BARA
L
H'A4FF FFB0
32
32
BAMRA
L
H'A4FF FFB4
32
32
BBRA
L
H'A4FF FFB8
16
16
BARB
L
H'A4FF FFA0
32
32
BAMRB
L
H'A4FF FFA4
32
32
BBRB
L
H'A4FF FFA8
16
16
BDRB
L
H'A4FF FF90
32
32
BDMRB
L
H'A4FF FF94
32
32
BRCR
L
H'A4FF FF98
32
32
BETR
L
H'A4FF FF9C
16
16
BRSR
L
H'A4FF FFAC
32
32
BRDR
L
H'A4FF FFBC
32
32
BASRA
L
H'FFFF FFE4
8
8
BASRB
UBC
L
H'FFFF FFE8
8
8
STBCR
P
H'A415 FF82
8
8
STBCR2
P
H'A415 FF88
8
8
STBCR3
Power-down
mode
P
H'A40A 0000
8
8
FRQCR
P
H'A415 FF80
16
16
WTCNT
P
H'A415 FF84
8
8/16*
4
WTCSR
CPG
P
H'A415 FF86
8
8/16*
4
CMNCR
I
H'A4FD 0000
32
32
CS0BCR
I
H'A4FD 0004
32
32
CS2BCR
BSC
I
H'A4FD 0008
32
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com