Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 836 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 836 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 832Page - Renesas Technology Corp SH7713 Datasheet HTML 833Page - Renesas Technology Corp SH7713 Datasheet HTML 834Page - Renesas Technology Corp SH7713 Datasheet HTML 835Page - Renesas Technology Corp SH7713 Datasheet HTML 836Page - Renesas Technology Corp SH7713 Datasheet HTML 837Page - Renesas Technology Corp SH7713 Datasheet HTML 838Page - Renesas Technology Corp SH7713 Datasheet HTML 839Page - Renesas Technology Corp SH7713 Datasheet HTML 840Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 836 / 904 page
background image
Section 24 Electrical Characteristics
Rev.1.50 Aug. 30, 2006 Page 796 of 860
REJ09B0288-0150
24.3.3
AC Bus Timing
Table 24.7
Bus Timing (1)
(Conditions: V
CCQ = VCCQ-RTC = 3.0 to 3.6 V, VCC = VCC-PLL1 = VCC-PLL2 = 1.4 to 1.6 V,
V
SSQ = VSS = VSSQ-RTC = VSS-PLL1 = VSS-PLL2 = 0 V, Ta = –20 to 75°C, clock mode 0/1/2/4/5/6/7)
66.67 MHz
Item
Symbol Min.
Max.
Unit
Figure
Address delay time 1
t
AD1
1
12
ns
24.17 to 24.42
Address delay time 2
t
AD2
—
1/2 t
cyc+12
24.21
Address setup time
t
AS
0
—
24.17 to 24.20
Address hold time
t
AH
0
—
BS delay time
t
BSD
—
10
24.17 to 24.35, 24.39 to
24.42
CS delay time 1
t
CSD1
1
10
24.17 to 24.42
Read/write delay time 1
t
RWD1
1
10
Read strobe delay time
t
RSD
—
1/2 t
cyc+10
24.17 to 24.21, 24.39 to
24.40
Read data setup time 1
t
RDS1
1/2 t
cyc+6
—
24.17 to 24.20, 24.39 to
24.42
Read data setup time 2
t
RDS2
6
—
24.22 to 24.25, 24.30 to
24.32
Read data setup time 3
t
RDS3
1/2 t
cyc+6
—
24.21
Read data hold time 1
t
RDH1
0
—
24.17 to 24.20, 24.39 to
24.42
Read data hold time 2
t
RDH2
2
—
24.22 to 24.25, 24.30 to
24.32
Read data hold time 3
t
RDH3
0
—
24.21
Write enable delay time
t
WED
—
1/2 t
cyc+10
24.17 to 24.21, 24.39 to
24.40
Write data delay time 1
t
WDD1
—
12
24.17 to 24.20, 24.39 to
24.42
Write data delay time 2
t
WDD2
—
12
24.26 to 24.29, 24.33 to
24.35
Write data hold time 1
t
WDH1
1
—
24.17 to 24.20
Write data hold time 2
t
WDH2
1
—
24.26 to 24.29, 24.33 to
24.35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com