Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 880 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 880 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 876Page - Renesas Technology Corp SH7713 Datasheet HTML 877Page - Renesas Technology Corp SH7713 Datasheet HTML 878Page - Renesas Technology Corp SH7713 Datasheet HTML 879Page - Renesas Technology Corp SH7713 Datasheet HTML 880Page - Renesas Technology Corp SH7713 Datasheet HTML 881Page - Renesas Technology Corp SH7713 Datasheet HTML 882Page - Renesas Technology Corp SH7713 Datasheet HTML 883Page - Renesas Technology Corp SH7713 Datasheet HTML 884Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 880 / 904 page
background image
Section 24 Electrical Characteristics
Rev.1.50 Aug. 30, 2006 Page 840 of 860
REJ09B0288-0150
tPORTS
CKIO
tPORTH
tPORTD
Port 7 to 0
(read)
Port 7 to 0
(write)
Figure 24.68 I/O Port Timing
24.3.13
H-UDI Related Pin Timing
Table 24.15 H-UDI Related Pin Timing
(Conditions: V
CCQ = VCCQ-RTC = 3.0 to 3.6 V, VCC = VCC-PLL1 = VCC-PLL2 = 1.4 to 1.6 V,
V
SSQ = VSS = VSSQ-RTC = VSS-PLL1 = VSS-PLL2 = 0 V, Ta = –20 to 75°C)
Item
Symbol
Min.
Max.
Unit
Figure
TCK cycle time
t
TCKcyc
50
—
ns
24.69
TCK high-pulse width
t
TCKH
12
—
ns
TCK low-pulse width
t
TCKL
12
—
ns
TCK rise/fall time
t
TCKF/tTCKR
—
4
ns
TRST setup time
t
TRSTS
12
—
ns
24.70
TRST hold time
t
TRSTH
50
—
t
cyc
TDI setup time
t
TDIS
10
—
ns
24.71
TDI hold time
t
TDIH
10
—
ns
TMS setup time
t
TMSS
10
—
ns
TMS hold time
t
TMSH
10
—
ns
TDO delay time
t
TDOD
—
15
ns
ASEMD0 setup time
t
ASEMD0S
12
—
ns
24.72
ASEMD0 hold time
t
ASEMD0H
12
—
ns
ASEBRKAK delay time
t
ASBRAKD
—
15
ns
24.73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com