Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 883 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 883 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 879Page - Renesas Technology Corp SH7713 Datasheet HTML 880Page - Renesas Technology Corp SH7713 Datasheet HTML 881Page - Renesas Technology Corp SH7713 Datasheet HTML 882Page - Renesas Technology Corp SH7713 Datasheet HTML 883Page - Renesas Technology Corp SH7713 Datasheet HTML 884Page - Renesas Technology Corp SH7713 Datasheet HTML 885Page - Renesas Technology Corp SH7713 Datasheet HTML 886Page - Renesas Technology Corp SH7713 Datasheet HTML 887Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 883 / 904 page
background image
Section 24 Electrical Characteristics
Rev.1.50 Aug. 30, 2006 Page 843 of 860
REJ09B0288-0150
24.4
Delay Time Variation Due to Load Capacitance
A graph (reference data) of the variation in delay time when a load capacitance greater than that
stipulated (30 pF) is connected to this LSI's pins is shown below. The graph shown in Figure 24.75
should be taken into consideration in the design process if the stipulated capacitance is exceeded
in connecting an external device.
If the connected load capacitance exceeds the range shown in Figure 24.75, the graph will not be a
straight line.
+4.0 ns
+3.0 ns
+2.0 ns
+1.0 ns
+0.0 ns
+0 pF
+25 pF
+50 pF
Load Capacitance [pF]
Figure 24.75 Load Capacitance vs. Delay Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com