Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 361 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 361 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 357Page - Renesas Technology Corp SH7721 Datasheet HTML 358Page - Renesas Technology Corp SH7721 Datasheet HTML 359Page - Renesas Technology Corp SH7721 Datasheet HTML 360Page - Renesas Technology Corp SH7721 Datasheet HTML 361Page - Renesas Technology Corp SH7721 Datasheet HTML 362Page - Renesas Technology Corp SH7721 Datasheet HTML 363Page - Renesas Technology Corp SH7721 Datasheet HTML 364Page - Renesas Technology Corp SH7721 Datasheet HTML 365Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 361 / 1524 page
background image
Section 9
Bus State Controller (BSC)
Rev. 3.00 Jan. 18, 2008 Page 299 of 1458
REJ09B0033-0300
9.4.3
CSn Space Wait Control Register (CSnWCR)
This register specifies various wait cycles for memory accesses. The bit configuration of this
register varies as shown below according to the memory type (TYPE3, TYPE2, TYPE1, or
TYPE0) specified by the CSn space bus control register (CSnBCR). Specify CSnWCR before
accessing the target area. Specify CSnBCR first, then specify CSnWCR.
(n = 0, 2, 3, 4, 5A, 5B, 6A, 6B)
(1)
Normal Space, Byte-Selection SRAM
• CS0WCR, CS6BWCR
Bit
Bit Name
Initial
Value
R/W
Description
31 to 21
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
20
BAS
0
R/W
Byte Access Selection for Byte-Selection SRAM
Specifies the
WEn (BEn) and RD/WR signal timing when
the byte-selection SRAM interface is used.
0: Asserts the
WEn (BEn) signal at the read/write timing
and asserts the RD/
WR signal during the write access
cycle.
1: Asserts the
WEn (BEn) signal during the read/write
access cycle and asserts the RD/
WR signal at the write
timing.
19 to 13
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
12
11
SW1
SW0
0
0
R/W
R/W
Number of Delay Cycles from Address,
CSn Assertion to
RD, WEn (BEn) Assertion
Specify the number of delay cycles from address and
CSn
assertion to
RD and WEn (BEn) assertion.
00: 0.5 cycle
01: 1.5 cycles
10: 2.5 cycles
11: 3.5 cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com