Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 359 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 359 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 355Page - Renesas Technology Corp SH7721 Datasheet HTML 356Page - Renesas Technology Corp SH7721 Datasheet HTML 357Page - Renesas Technology Corp SH7721 Datasheet HTML 358Page - Renesas Technology Corp SH7721 Datasheet HTML 359Page - Renesas Technology Corp SH7721 Datasheet HTML 360Page - Renesas Technology Corp SH7721 Datasheet HTML 361Page - Renesas Technology Corp SH7721 Datasheet HTML 362Page - Renesas Technology Corp SH7721 Datasheet HTML 363Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 359 / 1524 page
background image
Section 9
Bus State Controller (BSC)
Rev. 3.00 Jan. 18, 2008 Page 297 of 1458
REJ09B0033-0300
Bit
Bit Name
Initial
Value
R/W
Description
15
14
13
12
TYPE3
TYPE2
TYPE1
TYPE0
0
0
0
0
R/W
R/W
R/W
R/W
Memory Type
Specify the type of memory connected to a space.
0000: Normal space
0001: Burst ROM (clock asynchronous)
0010: Reserved (setting prohibited)
0011: Byte-selection SRAM
0100: SDRAM
0101: PCMCIA
0110: Reserved (setting prohibited)
0111: Burst ROM (clock synchronous)
1000: Reserved (setting prohibited)
1001: Reserved (setting prohibited)
1010: Reserved (setting prohibited)
1011: Reserved (setting prohibited)
1100: Reserved (setting prohibited)
1101: Reserved (setting prohibited)
1110: Reserved (setting prohibited)
1111: Reserved (setting prohibited)
Note: Memory type for area 0 immediately after reset is
normal space. The normal space, burst ROM (clock
asynchronous), or burst ROM (clock synchronous) can
be selected by these bits.
For details on memory type in each area, see tables 9.2 and
9.3.
11
0
R
Reserved
This bit is always read as 0. The write value should always
be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com