Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 356 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 356 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 352Page - Renesas Technology Corp SH7721 Datasheet HTML 353Page - Renesas Technology Corp SH7721 Datasheet HTML 354Page - Renesas Technology Corp SH7721 Datasheet HTML 355Page - Renesas Technology Corp SH7721 Datasheet HTML 356Page - Renesas Technology Corp SH7721 Datasheet HTML 357Page - Renesas Technology Corp SH7721 Datasheet HTML 358Page - Renesas Technology Corp SH7721 Datasheet HTML 359Page - Renesas Technology Corp SH7721 Datasheet HTML 360Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 356 / 1524 page
background image
Section 9
Bus State Controller (BSC)
Rev. 3.00 Jan. 18, 2008 Page 294 of 1458
REJ09B0033-0300
9.4.2
CSn Space Bus Control Register (CSnBCR)
This register specifies the type of memory connected to each space, data-bus width of each space,
and the number of wait cycles between access cycles.
Do not access external memory other than area 0 until the CSnBCR initialization is completed.
(n = 0, 2, 3, 4, 5A, 5B, 6A, 6B)
Bit
Bit Name
Initial
Value
R/W
Description
31
0
R
Reserved
This bit is always read as 0. The write value should always
be 0.
30
29
28
IWW2
IWW1
IWW0
0
1
1
R/W
R/W
R/W
Idle Cycles between Write-Read Cycles and Write-Write
Cycles
These bits specify the number of idle cycles to be inserted
after the access to a memory that is connected to the space.
The target access cycles are the write-read cycle and write-
write cycle.
000: No idle cycle
001: 1 idle cycle inserted
010: 2 idle cycles inserted
011: 4 idle cycles inserted
100: 6 idle cycles inserted
101: 8 idle cycles inserted
110: 10 idle cycles inserted
111: 12 idle cycles inserted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com