Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 354 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 354 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 350Page - Renesas Technology Corp SH7721 Datasheet HTML 351Page - Renesas Technology Corp SH7721 Datasheet HTML 352Page - Renesas Technology Corp SH7721 Datasheet HTML 353Page - Renesas Technology Corp SH7721 Datasheet HTML 354Page - Renesas Technology Corp SH7721 Datasheet HTML 355Page - Renesas Technology Corp SH7721 Datasheet HTML 356Page - Renesas Technology Corp SH7721 Datasheet HTML 357Page - Renesas Technology Corp SH7721 Datasheet HTML 358Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 354 / 1524 page
background image
Section 9
Bus State Controller (BSC)
Rev. 3.00 Jan. 18, 2008 Page 292 of 1458
REJ09B0033-0300
Bit
Bit Name
Initial
Value
R/W Description
10
9
DPRTY1
DPRTY0
0
0
R/W
R/W
DMA Burst Transfer Priority
Specify the priority for a refresh request/bus mastership request
during DMA burst transfer.
00: Accepts a refresh request and bus mastership request
during DMA burst transfer
01: Accepts a refresh request but does not accept a bus
mastership request during DMA burst transfer
10: Accepts neither a refresh request nor a bus mastership
request during DMA burst transfer
11: Reserved (Setting prohibited)
8
7
6
DMAIW2
DMAIW1
DMAIW0
0
0
0
R/W
R/W
R/W
Wait States between Access Cycles when DMA Single Address
is Transferred
Specify the number of idle cycles to be inserted after an access
to an external device with DACK when DMA single address
transfer is performed. The method of inserting idle cycles
depends on the contents of DMAIWA.
000: No idle cycle inserted
001: 1 idle cycle inserted
010: 2 idle cycles inserted
011: 4 idle cycled inserted
100: 6 idle cycled inserted
101: 8 idle cycle inserted
110: 10 idle cycles inserted
111: 12 idle cycled inserted
5
DMAIWA
0
R/W Method of Inserting Wait States between Access Cycles when
DMA Single Address is Transferred
Specifies the method of inserting the idle cycles specified by the
DMAIW1 and DMAIW0 bits. Clearing this bit will make this LSI
insert the idle cycles when another device, which includes this
LSI, drives the data bus after an external device with DACK
drove it. Setting this bit will make this LSI insert the idle cycles
even when the continuous accesses to an external device with
DACK are performed.
0: Inserts the idle cycles when another device drives the data
bus after an external device with DACK drove it.
1: Inserts the idle cycles every time when an external device
with DACK is accessed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com