Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 353 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 353 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 349Page - Renesas Technology Corp SH7721 Datasheet HTML 350Page - Renesas Technology Corp SH7721 Datasheet HTML 351Page - Renesas Technology Corp SH7721 Datasheet HTML 352Page - Renesas Technology Corp SH7721 Datasheet HTML 353Page - Renesas Technology Corp SH7721 Datasheet HTML 354Page - Renesas Technology Corp SH7721 Datasheet HTML 355Page - Renesas Technology Corp SH7721 Datasheet HTML 356Page - Renesas Technology Corp SH7721 Datasheet HTML 357Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 353 / 1524 page
background image
Section 9
Bus State Controller (BSC)
Rev. 3.00 Jan. 18, 2008 Page 291 of 1458
REJ09B0033-0300
9.4.1
Common Control Register (CMNCR)
CMNCR is a 32-bit register that controls the common items for each area. Do not access external
memory other than area 0 until the CMNCR initialization is complete.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 15
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
14
BSD
0
R/W
Bus Access Start Timing Specification After Bus
Acknowledge
Specifies the bus access start timing after the external bus
acknowledge signal is received.
0: Starts the external access at the same timing as the
address drive start after the bus acknowledge signal is
received.
1: Starts the external access one cycle following the address
drive start after the bus acknowledge signal is received.
13
0
R
Reserved
This bit is always read as 0. The write value should always be
0.
12
MAP
0
R/W
Space Specification
Selects the address map for the external address space. The
address maps to be selected are shown in tables 9.2 and 9.3.
0: Selects address map 1
1: Selects address map 2
11
BLOCK
0
R/W
Bus Lock Bit
Specifies whether or not the
BREQ signal is received.
0: Receives
BREQ
1: Does not receive
BREQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com