Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 349 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 349 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 345Page - Renesas Technology Corp SH7721 Datasheet HTML 346Page - Renesas Technology Corp SH7721 Datasheet HTML 347Page - Renesas Technology Corp SH7721 Datasheet HTML 348Page - Renesas Technology Corp SH7721 Datasheet HTML 349Page - Renesas Technology Corp SH7721 Datasheet HTML 350Page - Renesas Technology Corp SH7721 Datasheet HTML 351Page - Renesas Technology Corp SH7721 Datasheet HTML 352Page - Renesas Technology Corp SH7721 Datasheet HTML 353Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 349 / 1524 page
background image
Section 9
Bus State Controller (BSC)
Rev. 3.00 Jan. 18, 2008 Page 287 of 1458
REJ09B0033-0300
9.3.3
Address Map
The external address space has a capacity of 384 Mbytes and is used by dividing eight partial
spaces (address map 1) or six partial spaces (address map 2). The kind of memory to be connected
and the data bus width are specified in each partial space. The address map for the external address
space is listed below.
Table 9.2
Address Space Map 1 (CMNCR.MAP = 0)
Physical Address
Area
Memory to be Connected
Capacity
H'00000000 to H'03FFFFFF
Area 0
Normal memory
Burst ROM (Asynchronous)
Burst ROM (Synchronous)
64 Mbytes
H'04000000 to H'07FFFFFF
Area 1
Internal I/O register area*
2
64 Mbytes
H'08000000 to H'0BFFFFFF
Area 2
Normal memory
Byte-selection SRAM
SDRAM
64 Mbytes
H'0C000000 to H'0FFFFFFF
Area 3
Normal memory
Byte-selection SRAM
SDRAM
64 Mbytes
H'10000000 to H'13FFFFFF
Area 4
Normal memory
Byte-selection SRAM
Burst ROM (Asynchronous)
64 Mbytes
H'14000000 to H'15FFFFFF
Area 5A
Normal memory
32 Mbytes
H'16000000 to H'17FFFFFF
Area 5B
Normal memory
Byte-selection SRAM
32 Mbytes
H'18000000 to H'19FFFFFF
Area 6A
Normal memory
32 Mbytes
H'1A000000 to H'1BFFFFFF
Area 6B
Normal memory
Byte-selection SRAM
32 Mbytes
H'1C000000 to H'1FFFFFFF
Area 7
Reserved area*
1
64 Mbytes
Notes: 1. Do not access the reserved area. If the reserved area is accessed, the correct
operation cannot be guaranteed.
2. Set the top three bits of the address to 101 to allocate in the P2 space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com