| Electronic Components Datasheet Search |
|
SH7721 Datasheet(PDF) 346 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7721 Datasheet(HTML) 346 Page - Renesas Technology Corp |
|
346 / 1524 page ![]() Section 9 Bus State Controller (BSC) Rev. 3.00 Jan. 18, 2008 Page 284 of 1458 REJ09B0033-0300 Name I/O Function WE3(BE3)/DQMUU/ ICIOWR O Indicates that D31 to D24 are being written to. Connected to the byte select signal when a byte-selection SRAM is connected. Corresponds to signals D31 to D24 when SDRAM is connected. Functions as the I/O write strobe signal when the PCMCIA is used. WE2(BE2)/DQMUL/ ICIORD O Indicates that D23 to D16 are being written to. Connected to the byte select signal when a byte-selection SRAM is connected. Corresponds to signals D23 to D16 when the SDRAM is used. Functions as the I/O read strobe signal when the PCMCIA is used. WE1(BE1)/DQMLU/ WE O Indicates that D15 to D8 are being written to. Connected to the byte select signal when a byte-selection SRAM is connected. Corresponds to signals D15 to D8 when the SDRAM is used. Functions as the memory write strobe signal when the PCMCIA is used. WE0(BE0)/DQMLL O Indicates that D7 to D0 are being written to. Connected to the byte select signal when a byte-selection SRAM is connected. Corresponds to select signals D7 to D0 when the SDRAM is used. RAS O Connects to RAS pin when SDRAM is connected. CAS O Connects to CAS pin when SDRAM is connected. CKE O Connects to CKE pin when SDRAM is connected. IOIS16 I PCMCIA 16-bit I/O signal Valid only in little endian mode. Pulled low in bit endian mode. WAIT I External wait input (sampled at the falling edge of CKIO) BREQ I Bus request input BACK O Bus acknowledge output MD5 to MD3 I MD5: Selects data alignment (big endian or little endian) MD4 and MD3: Specify area 0 bus width (8/16/32 bits) REFOUT O Bus mastership request signal for refreshing |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |