Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 347 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 347 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 343Page - Renesas Technology Corp SH7721 Datasheet HTML 344Page - Renesas Technology Corp SH7721 Datasheet HTML 345Page - Renesas Technology Corp SH7721 Datasheet HTML 346Page - Renesas Technology Corp SH7721 Datasheet HTML 347Page - Renesas Technology Corp SH7721 Datasheet HTML 348Page - Renesas Technology Corp SH7721 Datasheet HTML 349Page - Renesas Technology Corp SH7721 Datasheet HTML 350Page - Renesas Technology Corp SH7721 Datasheet HTML 351Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 347 / 1524 page
background image
Section 9
Bus State Controller (BSC)
Rev. 3.00 Jan. 18, 2008 Page 285 of 1458
REJ09B0033-0300
9.3
Area Overview
9.3.1
Area Division
In the architecture of this LSI, both virtual spaces and physical spaces have 32-bit address spaces.
The upper three bits divide into the P0 to P4 areas, and specify the cache access method. For
details see section 5, Cache. The remaining 29 bits are used for division of the space into ten areas
(address map 1) or eight areas (address map 2) according to the MAP bit in CMNCR setting. The
BSC performs control for this 29-bit space.
As listed in tables 9.2 and 9.3, this LSI can be connected directly to eight or six areas of memory,
and it outputs chip select signals (
CS0, CS2 to CS4, CS5A, CS5B, CS6A, and CS6B) for each of
them.
CS0 is asserted during area 0 access; CS5A is asserted during area 5A access when address
map 1 is selected; and
CS5B is asserted when address map 2 is selected.
9.3.2
Shadow Area
The BSC decodes A28 to A25 of the physical address and generates chip select signals that
correspond to areas 0, 2 to 4, 5A, 5B, 6A, and 6B. Address bits A31 to A29 are ignored. This
means that the range of area 0 addresses, for example, is H'00000000 to H'03FFFFFF, and its
corresponding shadow space is the address space in P1 to P3 areas obtained by adding to it
H'20000000
× n (n = 1 to 6).
The address range for area 7 is H'1C000000 to H'1FFFFFFF. The address space H'1C000000 +
H'20000000
× n to H'1FFFFFFF + H'20000000 × n (n = 0 to 6) corresponding to the area 7
shadow space is reserved, so do not use it.
Area P4 (H'E0000000 to H'EFFFFFFF) is an I/O area and is assigned for internal register
addresses. Therefore, area P4 does not become shadow space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com