Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 344 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 344 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 340Page - Renesas Technology Corp SH7721 Datasheet HTML 341Page - Renesas Technology Corp SH7721 Datasheet HTML 342Page - Renesas Technology Corp SH7721 Datasheet HTML 343Page - Renesas Technology Corp SH7721 Datasheet HTML 344Page - Renesas Technology Corp SH7721 Datasheet HTML 345Page - Renesas Technology Corp SH7721 Datasheet HTML 346Page - Renesas Technology Corp SH7721 Datasheet HTML 347Page - Renesas Technology Corp SH7721 Datasheet HTML 348Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 344 / 1524 page
background image
Section 9
Bus State Controller (BSC)
Rev. 3.00 Jan. 18, 2008 Page 282 of 1458
REJ09B0033-0300
The block diagram of the BSC is shown in figure 9.1.
CMNCR
CS0WCR
CS6BWCR
RWTCNT
CS0BCR
CS6BBCR
SDCR
RTCSR
RTCNT
RTCOR
Comparator
Bus
mastership
controller
Wait
controller
Area
controller
Internal master
module
Internal slave
module
Memory
controller
Refresh
controller
Interrupt
controller
[Legend]
BSC
CS0, CS2, CS3,
CS4, CS5A, CS5B,
CS6A, CS6B
WAIT
MD5 to MD3
IOIS16
A25 to A0,
D31 to D0
REFOUT
BACK
BREQ
BS, RD/WR, RD,
WE3(BE3) to WE0(BE0),
RAS, CAS,
CKE, DQMxx,
CE2A, CE2B
CE1A, CE1B
ICIORD, ICIOWR
CMNCR:
CSnWCR:
RWTCNT:
CSnBCR:
SDCR:
RTCSR:
RTCNT:
RTCOR:
Common control register
CSn space wait control register (n = 0, 2, 3, 4, 5A, 5B, 6A, 6B)
Reset wait counter
CSn space bus control register (n = 0, 2, 3, 4, 5A, 5B, 6A, 6B)
SDRAM control register
Refresh timer control/status register
Refresh timer counter
Refresh time constant register
Figure 9.1
Block Diagram of BSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com