Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 341 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 341 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 337Page - Renesas Technology Corp SH7721 Datasheet HTML 338Page - Renesas Technology Corp SH7721 Datasheet HTML 339Page - Renesas Technology Corp SH7721 Datasheet HTML 340Page - Renesas Technology Corp SH7721 Datasheet HTML 341Page - Renesas Technology Corp SH7721 Datasheet HTML 342Page - Renesas Technology Corp SH7721 Datasheet HTML 343Page - Renesas Technology Corp SH7721 Datasheet HTML 344Page - Renesas Technology Corp SH7721 Datasheet HTML 345Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 341 / 1524 page
background image
Section 9
Bus State Controller (BSC)
Rev. 3.00 Jan. 18, 2008 Page 279 of 1458
REJ09B0033-0300
Section 9
Bus State Controller (BSC)
The bus state controller (BSC) outputs control signals for various types of memory that is
connected to the external address space and external devices. The BSC functions enable this LSI
to connect directly with SRAM, SDRAM, and other memory storage devices, and external
devices.
9.1
Features
The BSC has the following features:
(1) External address space
• A maximum 32 or 64 Mbytes for each of the eight areas, CS0, CS2 to CS4, CS5A, CS5B,
CS6A and CS6B, totally 384 Mbytes (divided into eight areas).
• A maximum 64 Mbytes for each of the six areas, CS0, CS2 to CS4, CS5, and CS6, totally a
total of 384 Mbytes (divided into six areas).
• Can specify the normal space interface, byte-selection SRAM, burst ROM (clock synchronous
or asynchronous), SDRAM, PCMCIA for each address space.
• Can select the data bus width (8, 16, or 32 bits) for each address space.
• Controls the insertion of the wait state for each address space.
• Controls the insertion of the wait state for each read access and write access.
• Can set the independent idling cycle in the continuous access for five cases: read-write (in
same space/different space), read-read (in same space/different space), or the first cycle is a
write access.
(2) Normal space interface
• Supports the interface that can directly connect to the SRAM.
(3) Burst ROM (clock asynchronous) interface
• High-speed access to the ROM that has the page mode function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com