Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 338 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 338 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 334Page - Renesas Technology Corp SH7721 Datasheet HTML 335Page - Renesas Technology Corp SH7721 Datasheet HTML 336Page - Renesas Technology Corp SH7721 Datasheet HTML 337Page - Renesas Technology Corp SH7721 Datasheet HTML 338Page - Renesas Technology Corp SH7721 Datasheet HTML 339Page - Renesas Technology Corp SH7721 Datasheet HTML 340Page - Renesas Technology Corp SH7721 Datasheet HTML 341Page - Renesas Technology Corp SH7721 Datasheet HTML 342Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 338 / 1524 page
background image
Section 8
Interrupt Controller (INTC)
Rev. 3.00 Jan. 18, 2008 Page 276 of 1458
REJ09B0033-0300
8.5
Operation
8.5.1
Interrupt Sequence
The sequence of interrupt operations is described below. Figure 8.3 is a flowchart of the
operations.
1. The interrupt request sources send interrupt request signals to the interrupt controller.
2. The interrupt controller selects the highest-priority interrupt from the interrupt requests sent,
following the priority levels set in the interrupt priority registers A to J (IPRA to IPRJ). Lower
priority interrupts are held pending. If two of these interrupts have the same priority level or if
multiple interrupts occur within a single module, the interrupt with the highest priority is
selected, according to table 8.3, Interrupt Exception Handling Sources and Priority (IRQ
Mode) and table 8.4, Interrupt Exception Handling Sources and Priority (IRL Mode).
3. The priority level of the interrupt selected by the interrupt controller is compared with the
interrupt mask bits (I3 to I0) in the status register (SR) of the CPU. If the request priority level
is higher than the level in bits I3 to I0, the interrupt controller accepts the interrupt and sends
an interrupt request signal to the CPU.
4. Detection timing: The INTC operates, and notifies the CPU of interrupt requests, in
synchronization with the peripheral clock (P
φ). The CPU receives an interrupt at a break in
instructions.
5. The interrupt source code is set in the interrupt event registers (INTEVT and INTEVT2).
6. The status register (SR) and program counter (PC) are saved to SSR and SPC, respectively.
7. The block bit (BL), mode bit (MD), and register bank bit (RB) in SR are set to 1.
8. The CPU jumps to the start address of the interrupt handler (the sum of the value set in the
vector base register (VBR) and H'00000600). This jump is not a delayed branch. The interrupt
handler may branch with the INTEVT or INTEVT2 value as its offset in order to identify the
interrupt source. This enables it to branch to the handling routine for the individual interrupt
source.
Notes: 1. The interrupt mask bits (I3 to I0) in the status register (SR) are not changed by
acceptance of an interrupt in this LSI.
2. The interrupt source flag should be cleared in the interrupt handler. To ensure that an
interrupt source that should have been cleared is not inadvertently accepted again, read
the interrupt source flag after it has been cleared, and then clear the BL bit or execute
an RTE instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com