Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 340 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 340 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 336Page - Renesas Technology Corp SH7721 Datasheet HTML 337Page - Renesas Technology Corp SH7721 Datasheet HTML 338Page - Renesas Technology Corp SH7721 Datasheet HTML 339Page - Renesas Technology Corp SH7721 Datasheet HTML 340Page - Renesas Technology Corp SH7721 Datasheet HTML 341Page - Renesas Technology Corp SH7721 Datasheet HTML 342Page - Renesas Technology Corp SH7721 Datasheet HTML 343Page - Renesas Technology Corp SH7721 Datasheet HTML 344Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 340 / 1524 page
background image
Section 8
Interrupt Controller (INTC)
Rev. 3.00 Jan. 18, 2008 Page 278 of 1458
REJ09B0033-0300
8.5.2
Multiple Interrupts
When handling multiple interrupts, an interrupt handler should include the following procedures:
1. To determine the interrupt source, branch to a specific interrupt handler corresponding to a
code set in INTEVT or INTEVT2. The code in INTEVT or INTEVT2 can be used as an offset
for branching to the specific handler.
2. Clear the interrupt source in each specific handler.
3. Save SSR and SPC to memory.
4. Clear the BL bit in SR, and set the accepted interrupt level in the interrupt mask bits in SR.
5. Handle the interrupt.
6. Execute the RTE instruction.
When these procedures are followed in order, an interrupt of higher priority than the one being
handled can be accepted after clearing BL in step 4. Figure 8.3 shows a sample interrupt operation
flowchart.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com