| Electronic Components Datasheet Search |
|
SH7721 Datasheet(PDF) 393 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7721 Datasheet(HTML) 393 Page - Renesas Technology Corp |
|
393 / 1524 page ![]() Section 9 Bus State Controller (BSC) Rev. 3.00 Jan. 18, 2008 Page 331 of 1458 REJ09B0033-0300 9.5 Operation 9.5.1 Endian/Access Size and Data Alignment This LSI supports big endian, in which the 0 address is the most significant byte (MSByte) in the byte data and little endian, in which the 0 address is the least significant byte (LSByte) in the byte data. Endian is specified on power-on reset by the external pin (MD5). When MD5 pin is low level on power-on reset, the endian will become big endian and when MD5 pin is high level on power-on reset, the endian will become little endian. Three data bus widths (8 bits, 16 bits, and 32 bits) are available for normal memory and byte- selection SRAM. Two data bus widths (16 bits and 32 bits) are available for SDRAM. Two data bus widths (8 bits and 16 bits) are available for PCMCIA interface. Data alignment is performed in accordance with the data bus width of the device and endian. This also means that when longword data is read from a byte-width device, the read operation must be done four times. In this LSI, data alignment and conversion of data length is performed automatically between the respective interfaces. Tables 9.6 to 9.11 show the relationship between endian, device data width, and access unit. Table 9.6 32-Bit External Device/Big Endian Access and Data Alignment Data Bus Strobe Signals Operation D31 to D24 D23 to D16 D15 to D8 D7 to D0 WE3(BE3), DQMUU WE2(BE2), DQMUL WE1(BE1), DQMLU WE0(BE0), DQMLL Byte access at 0 Data 7 to 0 Assert Byte access at 1 Data 7 to 0 Assert Byte access at 2 Data 7 to 0 Assert Byte access at 3 Data 7 to 0 Assert Word access at 0 Data 15 to 8 Data 7 to 0 Assert Assert Word access at 2 Data 15 to 8 Data 7 to 0 Assert Assert Longword access at 0 Data 31 to 24 Data 23 to 16 Data 15 to 8 Data 7 to 0 Assert Assert Assert Assert |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |