Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 466 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 466 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 462Page - Renesas Technology Corp SH7721 Datasheet HTML 463Page - Renesas Technology Corp SH7721 Datasheet HTML 464Page - Renesas Technology Corp SH7721 Datasheet HTML 465Page - Renesas Technology Corp SH7721 Datasheet HTML 466Page - Renesas Technology Corp SH7721 Datasheet HTML 467Page - Renesas Technology Corp SH7721 Datasheet HTML 468Page - Renesas Technology Corp SH7721 Datasheet HTML 469Page - Renesas Technology Corp SH7721 Datasheet HTML 470Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 466 / 1524 page
background image
Section 9
Bus State Controller (BSC)
Rev. 3.00 Jan. 18, 2008 Page 404 of 1458
REJ09B0033-0300
9.6
Usage Notes
(1)
Reset
The bus state controller (BSC) can be initialized completely only at power-on reset. At power-on
reset, all signals are negated and output buffers are turned off regardless of the bus cycle state. All
control registers are initialized. In standby, sleep, and manual reset, control registers of the bus
state controller are not initialized. At manual reset, the current bus cycle being executed is
completed and then the access wait state is entered. If a 16-byte transfer is performed by a cache
or if another LSI on-chip bus master module is executed when a manual reset occurs, the current
access is cancelled in longword units because the access request is cancelled by the bus master at
manual reset. If a manual reset is requested during cache fill operations, the contents of the cache
cannot be guaranteed. Since the RTCNT continues counting up during manual reset signal
assertion, a refresh request occurs to initiate the refresh cycle. In addition, a bus arbitration request
by the
BREQ signal can be accepted during manual reset signal assertion.
Some flash memories may specify a minimum time from reset release to the first access. To
ensure this minimum time, the bus state controller supports a 5-bit counter (RWTCNT). At power-
on reset, the RWTCNT is cleared to 0. After power-on reset, RWTCNT is counted up
synchronously together with CKIO and an external access will not be generated until RWTCNT is
counted up to H
′001F. At manual reset, RWTCNT is not cleared.
(2)
Access from the Site of the LSI Internal Bus Master
There are three types of LSI internal buses: a cache bus, internal bus, and peripheral bus. The CPU
and cache memory are connected to the cache bus. Internal bus masters other than the CPU and
bus state controller are connected to the internal bus. Low-speed peripheral modules are connected
to the peripheral bus. Internal memories other than the cache memory and debugging modules
such as a UBC and AUD are connected bidirectionally to the cache bus and internal bus. Access
from the cache bus to the internal bus is enabled but access from the internal bus to the cache bus
is disabled. This gives rise to the following problems.
Internal bus masters such as DMAC other than the CPU can access on-chip memory other than the
cache memory but cannot access the cache memory. If an on-chip bus master other than the CPU
writes data to an external memory other than the cache, the contents of the external memory may
differ from that of the cache memory. To prevent this problem, if the external memory whose
contents is cached is written by an on-chip bus master other than the CPU, the corresponding
cache memory should be purged by software.
If the CPU initiates read access for the cache, the cache is searched. If the cache stores data, the
CPU latches the data and completes the read access. If the cache does not store data, the CPU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com