Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 571 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 571 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 567Page - Renesas Technology Corp SH7721 Datasheet HTML 568Page - Renesas Technology Corp SH7721 Datasheet HTML 569Page - Renesas Technology Corp SH7721 Datasheet HTML 570Page - Renesas Technology Corp SH7721 Datasheet HTML 571Page - Renesas Technology Corp SH7721 Datasheet HTML 572Page - Renesas Technology Corp SH7721 Datasheet HTML 573Page - Renesas Technology Corp SH7721 Datasheet HTML 574Page - Renesas Technology Corp SH7721 Datasheet HTML 575Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 571 / 1524 page
background image
Section 14 Timer Unit (TMU)
Rev. 3.00 Jan. 18, 2008 Page 509 of 1458
REJ09B0033-0300
14.4.3
Interrupt Sources and Priorities
The TMU generates underflow interrupts for each channel. When the interrupt request flag and
interrupt enable bit are both set to 1, the interrupt is requested. Codes are set in the interrupt event
register (INTEVT, INTEVT2) for these interrupts and interrupt processing must be executed
according to the codes.
The relative priorities between channels can be changed using the interrupt controller. For details,
refer to section 7, Exception Handling, and section 8, Interrupt Controller (INTC). Table 14.1 lists
TMU interrupt sources.
Table 14.1
TMU Interrupt Sources
Channel
Interrupt Source
Description
Priority
0
TUNI0
Underflow interrupt 0
High
1
TUNI1
Underflow interrupt 1
2
TUNI2
Underflow interrupt 2
Low
Software standby mode can be cancelled by TSU_SUNI which is OR of an underflow interrupt for
each TMU channel. (It is available when the RTC output clock is selected as a counter input
clock.)
TMU_SUNI is processed as an interrupt which differs from an underflow interrupt for each
channel by the interrupt controller (INTC). Therefore, an underflow interrupt for each channel and
TMU_SUNI should be used differently.
When canceling software standby mode, set the bits 11 to 8 in interrupt priority register D (IPRD)
of INTC to any value and bits 15 to 4 in interrupt priority register A (IPRA) of INTC to H'000 so
that only the TMU_SUNI is accepted. In the TMU_SUNI interrupt routine, clear both the under
flow flag (UNF) in the timer control register (TCR) and the TMU_SUNI interrupt request bit
(TMU_SUNIR) in the interrupt request register 0 of INTC.
In the normal operating state, set the bits 11 to 8 in IPRD to H'0 and bits 15 to 4 in IPRA to any
value so that an underflow interrupt can be accepted for each channel. For details, see section 8,
Interrupt Controller (INTC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com