Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 573 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 573 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 569Page - Renesas Technology Corp SH7721 Datasheet HTML 570Page - Renesas Technology Corp SH7721 Datasheet HTML 571Page - Renesas Technology Corp SH7721 Datasheet HTML 572Page - Renesas Technology Corp SH7721 Datasheet HTML 573Page - Renesas Technology Corp SH7721 Datasheet HTML 574Page - Renesas Technology Corp SH7721 Datasheet HTML 575Page - Renesas Technology Corp SH7721 Datasheet HTML 576Page - Renesas Technology Corp SH7721 Datasheet HTML 577Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 573 / 1524 page
background image
Section 15
16-Bit Timer Pulse Unit (TPU)
Rev. 3.00 Jan. 18, 2008 Page 511 of 1458
REJ09B0033-0300
Section 15
16-Bit Timer Pulse Unit (TPU)
This LSI has an on-chip 16-bit timer pulse unit (TPU) that comprises four 16-bit timer channels.
15.1
Features
• Maximum 4-pulse output
 A total of 16 timer general registers (TGRA to TGRD × 4 ch.) are provided (four each for
channels). TGRA can be set as an output compare register.
 TGRB, TGRC, and TGRD for each channel can also be used as timer counter clearing
registers. TGRC and TGRD can also be used as buffer registers.
• Selection of four counter input clocks for channels 0 and 1, and of six counter input clocks for
channels 2 and 3.
• The following operations can be set for each channel:
 Waveform output at compare match: Selection of 0, 1, or toggle output
 Counter clear operation: Counter clearing possible by compare match
 PWM mode: Any PWM output duty can be set
Maximum of 4-phase PWM output possible
• Buffer operation settable for each channel
 Automatic rewriting of output compare register possible
• Phase counting mode settable independently for each of channels 2, and 3
 Two-phase encoder pulse up/down-count possible
• An interrupt request for each channel
 For channels 0 and 1, compare match interrupts and overflow interrupts can be requested
independently
 For channels 2, and 3, compare match interrupts, overflow interrupts, and underflow
interrupts can be requested independently
Table 15.1 lists the functions of the TPU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com