Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 576 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 576 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 572Page - Renesas Technology Corp SH7721 Datasheet HTML 573Page - Renesas Technology Corp SH7721 Datasheet HTML 574Page - Renesas Technology Corp SH7721 Datasheet HTML 575Page - Renesas Technology Corp SH7721 Datasheet HTML 576Page - Renesas Technology Corp SH7721 Datasheet HTML 577Page - Renesas Technology Corp SH7721 Datasheet HTML 578Page - Renesas Technology Corp SH7721 Datasheet HTML 579Page - Renesas Technology Corp SH7721 Datasheet HTML 580Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 576 / 1524 page
background image
Section 15
16-Bit Timer Pulse Unit (TPU)
Rev. 3.00 Jan. 18, 2008 Page 514 of 1458
REJ09B0033-0300
15.2
Input/Output Pins
Table 15.2 summarizes the TPU related external pins.
Table 15.2
TPU Pin Configurations
Channel
Name
Pin Name
I/O
Function
0
TPU compare
match output 0
TPU_TO0
Output TGR0A output compare output/PWM output
pin
1
TPU compare
match output 1
TPU_TO1
Output TGR1A output compare output/PWM output
pin
2
TPU compare
match output 2A
TPU_TO2
Output TGR2A output compare output/PWM output
pin
TPU clock input
2A
TPU_TI2A
Input
External clock channel 2A input pin /channel 2
counting mode A phase input
TPU clock input
2B
TPU_TI2B
Input
Channel 2 counting mode B phase input
3
TPU compare
match output 3A
TPU_TO3
Output TGR3A output compare output/PWM output
pin
TPU clock input
3A
TPU_TI3A
Input
External clock channel 3A input pin /channel 3
counting mode A phase input
TPU clock input
3B
TPU_TI3B
Input
Channel 3 counting mode B phase input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com