Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 579 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 579 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 575Page - Renesas Technology Corp SH7721 Datasheet HTML 576Page - Renesas Technology Corp SH7721 Datasheet HTML 577Page - Renesas Technology Corp SH7721 Datasheet HTML 578Page - Renesas Technology Corp SH7721 Datasheet HTML 579Page - Renesas Technology Corp SH7721 Datasheet HTML 580Page - Renesas Technology Corp SH7721 Datasheet HTML 581Page - Renesas Technology Corp SH7721 Datasheet HTML 582Page - Renesas Technology Corp SH7721 Datasheet HTML 583Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 579 / 1524 page
background image
Section 15
16-Bit Timer Pulse Unit (TPU)
Rev. 3.00 Jan. 18, 2008 Page 517 of 1458
REJ09B0033-0300
Bit
Bit Name
Initial
Value
R/W
Description
15 to 8
All 0
R
Reserved
These bits are always read as 0 and cannot be modified.
7
6
5
CCLR2
CCLR1
CCLR0
0
0
0
R/W
R/W
R/W
Counter Clear 2, 1, and 0
These bits select the TCNT counter clearing source.
000: TCNT clearing disabled
001: TCNT cleared by TGRA compare match
010: TCNT cleared by TGRB compare match
011: Reserved (setting prohibited)
100: TCNT clearing disabled
101: TCNT cleared by TGRC compare match
110: TCNT cleared by TGRD compare match
111: Reserved (setting prohibited)
4
3
CKEG1
CKEG0
0
0
R/W
R/W
Clock Edge 1 and 0
These bits select the input clock edge. When the input clock
is counted using both edges, the input clock period is halved
(e.g.
φ/4 both edges = φ/2 rising edge). If phase counting
mode is used this setting is ignored.
00: Count at rising edge
01: Count at falling edge
1X: Count at both edges*
[Legend] X: Don't care
Note: * If P
φ/1 is selected for the input clock, operation is
disabled.
2
1
0
TPSC2
TPSC1
TPSC0
0
0
0
R/W
R/W
R/W
Time Prescaler 2, 1, and 0
These bits select the TCNT counter clock. The clock source
can be selected independently for each channel. Table 15.3
shows the clock sources that can be set for each channel.
For more in formation on count clock selection, see table
15.4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com