Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 582 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 582 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 578Page - Renesas Technology Corp SH7721 Datasheet HTML 579Page - Renesas Technology Corp SH7721 Datasheet HTML 580Page - Renesas Technology Corp SH7721 Datasheet HTML 581Page - Renesas Technology Corp SH7721 Datasheet HTML 582Page - Renesas Technology Corp SH7721 Datasheet HTML 583Page - Renesas Technology Corp SH7721 Datasheet HTML 584Page - Renesas Technology Corp SH7721 Datasheet HTML 585Page - Renesas Technology Corp SH7721 Datasheet HTML 586Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 582 / 1524 page
background image
Section 15
16-Bit Timer Pulse Unit (TPU)
Rev. 3.00 Jan. 18, 2008 Page 520 of 1458
REJ09B0033-0300
15.3.2
Timer Mode Registers (TMDR)
The TMDR registers are 16-bit readable/writable registers that are used to set the operating mode
for each channel. The TPU has four TMDR registers, one for each channel. The TMDR registers
are initialized to H'0000 by a reset, but not initialized in standby mode, sleep mode, or module
standby.
TMDR register settings should be made only when TCNT operation is stopped.
Bit
Bit Name
Initial
Value
R/W
Description
15 to 7
All 0
R
Reserved
These bits are always read as 0 and cannot be modified.
6
BFWT
0
R/W
Buffer Write Timing
Specifies TGRA and TGRB update timing when TGRC and
TGRD are used as a compare match buffer. When TGRC
and TGRD are not used as a compare match buffer register,
this bit does not function.
0: TGRA and TGRB are rewritten at compare match of each
register.
1: TGRA and TGRB are rewritten in counter clearing.
5
BFB
0
R/W
Buffer Operation B
Specifies whether TGRB is to operate in the normal way, or
TGRB and TGRD are to be used together for buffer
operation.
0: TGRB operates normally
1: TGRB and TGRD used together for buffer operation*
4
BFA
0
R/W
Buffer Operation A
Specifies whether TGRA is to operate in the normal way, or
TGRA and TGRC are to be used together for buffer
operation.
0: TGRA operates normally
1: TGRA and TGRC used together for buffer operation
3
0
R
Reserved
This bit is always read as 0 and cannot be modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com