Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 585 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 585 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 581Page - Renesas Technology Corp SH7721 Datasheet HTML 582Page - Renesas Technology Corp SH7721 Datasheet HTML 583Page - Renesas Technology Corp SH7721 Datasheet HTML 584Page - Renesas Technology Corp SH7721 Datasheet HTML 585Page - Renesas Technology Corp SH7721 Datasheet HTML 586Page - Renesas Technology Corp SH7721 Datasheet HTML 587Page - Renesas Technology Corp SH7721 Datasheet HTML 588Page - Renesas Technology Corp SH7721 Datasheet HTML 589Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 585 / 1524 page
background image
Section 15
16-Bit Timer Pulse Unit (TPU)
Rev. 3.00 Jan. 18, 2008 Page 523 of 1458
REJ09B0033-0300
15.3.4
Timer Interrupt Enable Registers (TIER)
The TIER registers are 16-bit registers that control enabling or disabling of interrupt requests for
each channel. The TPU has four TIER registers, one for each channel. The TIER registers are
initialized to H'0000 by a reset, but not initialized in standby mode, sleep mode or module
standby.
Bit
Bit Name
Initial
Value
R/W
Description
15 to 6
0
R
Reserved
These bits are always read as 0 and cannot be modified.
5
TC1EU
0
R/W
Underflow Interrupt Enable
Enables or disables interrupt requests by the TCFU bit when
the TCFU bit in TSR is set to 1 in phase counting mode of
channels 2, and 3 (TCNT underflow).
In channels 0 and 1, bit 5 is reserved. It is always read as 0
and cannot be modified.
0: Interrupt requests by TCFU disabled
1: Interrupt requests by TCFU enabled
4
TC1EV
0
R/W
Overflow Interrupt Enable
Enables or disables interrupt requests by the TCFV bit when
the TCFV bit in TSR is set to 1 (TCNT overflow).
0: Interrupt requests by TCFV disabled
1: Interrupt requests by TCFV enabled
3
TG1ED
0
R/W
TGR Interrupt Enable D
Enables or disables interrupt requests by the TGFD bit when
the TGFD bit in TSR is set to (TCNT and TGRD compare
match).
0: Interrupt requests by TGFD disabled
1: Interrupt requests by TGFD enabled
2
TG1EC
0
R/W
TGR Interrupt Enable C
Enables or disables interrupt requests by the TGFC bit when
the TGFC bit in TSR is set to 1 (TCNT and TGRC compare
match).
0: Interrupt requests by TGFC disabled
1: Interrupt requests by TGFC enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com