Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 584 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 584 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 580Page - Renesas Technology Corp SH7721 Datasheet HTML 581Page - Renesas Technology Corp SH7721 Datasheet HTML 582Page - Renesas Technology Corp SH7721 Datasheet HTML 583Page - Renesas Technology Corp SH7721 Datasheet HTML 584Page - Renesas Technology Corp SH7721 Datasheet HTML 585Page - Renesas Technology Corp SH7721 Datasheet HTML 586Page - Renesas Technology Corp SH7721 Datasheet HTML 587Page - Renesas Technology Corp SH7721 Datasheet HTML 588Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 584 / 1524 page
background image
Section 15
16-Bit Timer Pulse Unit (TPU)
Rev. 3.00 Jan. 18, 2008 Page 522 of 1458
REJ09B0033-0300
Bit
Bit Name
Initial
Value
R/W
Description
15 to 3
All 0
R
Reserved
These bits are always read as 0 and cannot be modified.
2
1
0
IOA2
IOA1
IOA0
0
0
0
R/W
R/W
R/W
I/O Control A2 to A0
Bits IOA3 to IOA0 specify the functions of TGRA and the
TPU_TO pin. For details, see table 15.5.
Table 15.5
IOA2 to IOA0
Bit 2
Bit 1
Bit 0
Channels IOA2
IOA1
IOA0
Description
0
Always 0 output (Initial value)
0
1
0 output at TGRA compare match*
0
1 output at TGRA compare match
0
1
1
Initial output is 0
output for
TPU_TO pin
Toggle output TGRA at compare match*
0
Always 1 output
0
1
0 output at TGRA compare match
0
1 output at TGRA compare match*
0 to 3
1
1
1
Initial output is 1
output for
TPU_TO pin
Toggle output at TGRA compare match*
Note:
*
This setting is invalid in PWM mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com