Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 587 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 587 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 583Page - Renesas Technology Corp SH7721 Datasheet HTML 584Page - Renesas Technology Corp SH7721 Datasheet HTML 585Page - Renesas Technology Corp SH7721 Datasheet HTML 586Page - Renesas Technology Corp SH7721 Datasheet HTML 587Page - Renesas Technology Corp SH7721 Datasheet HTML 588Page - Renesas Technology Corp SH7721 Datasheet HTML 589Page - Renesas Technology Corp SH7721 Datasheet HTML 590Page - Renesas Technology Corp SH7721 Datasheet HTML 591Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 587 / 1524 page
background image
Section 15
16-Bit Timer Pulse Unit (TPU)
Rev. 3.00 Jan. 18, 2008 Page 525 of 1458
REJ09B0033-0300
Bit
Bit Name
Initial
Value R/W
Description
5
TCFU
0
R/(W)* Underflow Flag
Status flag that indicates that TCNT underflow has occurred
when channels 2, and 3 are set to phase counting mode.
In channels 0 and 1, bit 5 is reserved. It is always read as 0
and cannot be modified.
[Clearing condition] (Initial value)
When 0 is written to TCFU after reading TCFU = 1
[Setting condition]
When the TCNT value underflows (changes from H'0000 to
H'FFFF)
4
TCFV
0
R/(W)* Overflow Flag
Status flag that indicates that TCNT overflow has occurred.
[Clearing condition]
When 0 is written to TCFV after reading TCFV = 1
[Setting condition]
When the TCNT value overflows (changes from H'FFFF to
H'0000)
3
TGFD
0
R/(W)* Compare Flag D
Status flag that indicates the occurrence of TGRD compare
match.
[Clearing conditions]
When 0 is written to TGFD after reading TGFD = 1
[Setting conditions]
When TCNT = TGRD
2
TGFC
0
R/(W)* Compare Flag C
Status flag that indicates the occurrence of TGRC compare
match.
[Clearing conditions]
When 0 is written to TGFC after reading TGFC = 1
[Setting conditions]
When TCNT = TGRC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com