Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 590 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 590 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 586Page - Renesas Technology Corp SH7721 Datasheet HTML 587Page - Renesas Technology Corp SH7721 Datasheet HTML 588Page - Renesas Technology Corp SH7721 Datasheet HTML 589Page - Renesas Technology Corp SH7721 Datasheet HTML 590Page - Renesas Technology Corp SH7721 Datasheet HTML 591Page - Renesas Technology Corp SH7721 Datasheet HTML 592Page - Renesas Technology Corp SH7721 Datasheet HTML 593Page - Renesas Technology Corp SH7721 Datasheet HTML 594Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 590 / 1524 page
background image
Section 15
16-Bit Timer Pulse Unit (TPU)
Rev. 3.00 Jan. 18, 2008 Page 528 of 1458
REJ09B0033-0300
15.4
Operation
15.4.1
Overview
Operation in each mode is outlined below.
(1)
Normal Operation
Each channel has a TCNT and TGR register. TCNT performs up-counting, and is also capable of
free-running operation, synchronous counting, and external event counting.
(2)
Buffer Operation
When a compare match occurs, the value in the buffer register for the relevant channel is
transferred to TGR. For update timing from a buffer register, rewriting on compare match
occurrence or on counter clearing can be selected.
(3)
PWM Mode
In this mode, a PWM waveform is output. The output level can be set by means of TIOR. A PWM
waveform with a duty of between 0% and 100% can be output, according to the setting of each
TGR register.
(4)
Phase Counting Mode
In this mode, TCNT is incremented or decremented by detecting the phases of two clocks input
from the external clock input pins (TPU_TI2A and TPU_TI2B, or TPU_TI3A and TPU_TI3B) in
channels 2, and 3. When phase counting mode is set, the corresponding TI pin functions as the
clock pin, and TCNT performs up/down-counting.
This can be used for two-phase encoder pulse input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com