Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 592 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 592 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 588Page - Renesas Technology Corp SH7721 Datasheet HTML 589Page - Renesas Technology Corp SH7721 Datasheet HTML 590Page - Renesas Technology Corp SH7721 Datasheet HTML 591Page - Renesas Technology Corp SH7721 Datasheet HTML 592Page - Renesas Technology Corp SH7721 Datasheet HTML 593Page - Renesas Technology Corp SH7721 Datasheet HTML 594Page - Renesas Technology Corp SH7721 Datasheet HTML 595Page - Renesas Technology Corp SH7721 Datasheet HTML 596Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 592 / 1524 page
background image
Section 15
16-Bit Timer Pulse Unit (TPU)
Rev. 3.00 Jan. 18, 2008 Page 530 of 1458
REJ09B0033-0300
(b)
Free-running count operation and periodic count operation
Immediately after a reset, the TPU's TCNT counters are all designated as free-running counters.
When the relevant bit in TSTR is set to 1 the corresponding TCNT counter starts up-count
operation as a free-running counter. When TCNT overflows (from H'FFFF to H'0000), the TCFV
bit in TSR is set to 1. After overflow, TCNT starts counting up again from H'0000.
Figure 15.3 illustrates free-running counter operation.
TCNT value
H'FFFF
H'0000
CST bit
TCFV
Time
Figure 15.3
Free-Running Counter Operation
When compare match is selected as the TCNT clearing source, the TCNT counter for the relevant
channel performs periodic count operation. The TGR register for setting the period is designated
as an output compare register, and counter clearing by compare match is selected by means of bits
CCLR2 to CCLR0 in TCR. After the settings have been made, TCNT starts up-count operation as
a periodic counter when the corresponding bit in TSTR is set to 1. When the count value matches
the value in TGR, the TGF bit in TSR is set to 1 and TCNT is cleared to H'0000.
After a compare match, TCNT starts counting up again from H'0000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com