| Electronic Components Datasheet Search |
|
SH7721 Datasheet(PDF) 601 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7721 Datasheet(HTML) 601 Page - Renesas Technology Corp |
|
601 / 1524 page ![]() Section 15 16-Bit Timer Pulse Unit (TPU) Rev. 3.00 Jan. 18, 2008 Page 539 of 1458 REJ09B0033-0300 15.4.5 Phase Counting Mode In phase counting mode, the phase difference between two external clock inputs is detected and TCNT is incremented/decremented accordingly. This mode can be set for channels 2, and 3. When phase counting mode is set, an external clock is selected as the counter input clock and TCNT operates as an up/down-counter regardless of the setting of bits TPSC2 to TPSC0 and bits CKEG1 and CKEG0 in TCR. However, the functions of bits CCLR1 and CCLR0 in TCR, and of TIOR, TIER, and TGR are valid, and compare match and interrupt functions can be used. The previous set value (initial output value set before the timer was started in phase counting mode) is output from the TPU_TO pin in TIOR. When overflow occurs while TCNT is counting up, the TCFV flag in TSR is set; when underflow occurs while TCNT is counting down, the TCFU flag is set. The TCFD bit in TSR is the count direction flag. Reading the TCFD flag provides an indication of whether TCNT is counting up or down. Table 15.7 shows the correspondence between external clock pins and channels. Table 15.7 Phase Counting Mode Clock Input Pins External Clock Pins Channels A-Phase B-Phase When channel 2 is set to phase counting mode TPU_TI2A TPU_TI2B When channel 3 is set to phase counting mode TPU_TI3A TPU_TI3B |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |