Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 599 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 599 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 595Page - Renesas Technology Corp SH7721 Datasheet HTML 596Page - Renesas Technology Corp SH7721 Datasheet HTML 597Page - Renesas Technology Corp SH7721 Datasheet HTML 598Page - Renesas Technology Corp SH7721 Datasheet HTML 599Page - Renesas Technology Corp SH7721 Datasheet HTML 600Page - Renesas Technology Corp SH7721 Datasheet HTML 601Page - Renesas Technology Corp SH7721 Datasheet HTML 602Page - Renesas Technology Corp SH7721 Datasheet HTML 603Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 599 / 1524 page
background image
Section 15
16-Bit Timer Pulse Unit (TPU)
Rev. 3.00 Jan. 18, 2008 Page 537 of 1458
REJ09B0033-0300
(1)
Example of PWM Mode Setting Procedure
Figure 15.11 shows an example of the PWM mode setting procedure.
Select counter clock
PWM mode
Select counter clearing source
Select waveform output level
<PWM mode>
[1]
[2]
[3]
Set period
[4]
Set PWM mode
[5]
Set external pin function
[6]
Start count
[7]
[1] Select the counter clock with bits TPSC2 to
TPSC0 in TCR. At the same time, select the
input clock edge with bits CKEG1 and CKEG0 in
TCR.
[2] Use bits CCLR2 to CCLR0 in TCR to select the
TGRB to be used as the TCNT clearing source.
[3] Use TIOR to select the initial value and
output value.
[4] Set the period in TGRB, and set the duty in
TGRA.
[5] Select the PWM mode with bits MD3 to MD0 in
TMDR.
[6] Set the external pin function in pin function
controller (PFC).
[7] Set the CST bit in TSTR to 1 to start the count
operation.
Figure 15.11
Example of PWM Mode Setting Procedure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com