Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 598 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 598 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 594Page - Renesas Technology Corp SH7721 Datasheet HTML 595Page - Renesas Technology Corp SH7721 Datasheet HTML 596Page - Renesas Technology Corp SH7721 Datasheet HTML 597Page - Renesas Technology Corp SH7721 Datasheet HTML 598Page - Renesas Technology Corp SH7721 Datasheet HTML 599Page - Renesas Technology Corp SH7721 Datasheet HTML 600Page - Renesas Technology Corp SH7721 Datasheet HTML 601Page - Renesas Technology Corp SH7721 Datasheet HTML 602Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 598 / 1524 page
background image
Section 15
16-Bit Timer Pulse Unit (TPU)
Rev. 3.00 Jan. 18, 2008 Page 536 of 1458
REJ09B0033-0300
TCNT value
TGRB
H'0000
TGRC
Time
TGRA
N (A)
N (TGRB+1)
TPU_TO pin
N (A)
N (B)
N (TGRB+1)
N (TGRB+1)
N (B)
TGRA
N (B)
N (A)
Figure 15.10
Example of Buffer Operation
15.4.4
PWM Modes
In PWM mode, PWM waveforms are output from the output pins. 0, or 1, output can be selected
as the output level in response to compare match of each TGRA.
Designating TGRB compare match as the counter clearing source enables the period to be set in
that register. All channels can be designated for PWM mode independently.
PWM output is generated from the TPU_TO pin using TGRB as the period register and TGRA as
duty registers. The output specified in TIOR is performed by means of compare matches. Upon
counter clearing by a period register compare match, the output value of each pin is the initial
value set in TIOR. Set TIOR so that the initial output and an output value by compare match are
different. If the same levels or toggle outputs are selected, operation is disabled.
Conditions of duty 0% and 100% are shown below.
• Duty
0%: The set value of the duty register (TGRA) is TGRB + 1 for the period
register(TGRB).
• Duty 100%: The set value of the duty register (TGRA) is 0.
In PWM mode 1, a maximum 4-phase PWM output is possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com