Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 597 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 597 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 593Page - Renesas Technology Corp SH7721 Datasheet HTML 594Page - Renesas Technology Corp SH7721 Datasheet HTML 595Page - Renesas Technology Corp SH7721 Datasheet HTML 596Page - Renesas Technology Corp SH7721 Datasheet HTML 597Page - Renesas Technology Corp SH7721 Datasheet HTML 598Page - Renesas Technology Corp SH7721 Datasheet HTML 599Page - Renesas Technology Corp SH7721 Datasheet HTML 600Page - Renesas Technology Corp SH7721 Datasheet HTML 601Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 597 / 1524 page
background image
Section 15
16-Bit Timer Pulse Unit (TPU)
Rev. 3.00 Jan. 18, 2008 Page 535 of 1458
REJ09B0033-0300
(1)
Example of Buffer Operation Setting Procedure
Figure 15.9 shows an example of the buffer operation setting procedure.
Set buffer operation
Buffer operation
Set rewriting timing
Start count
<Buffer operation>
[1]
[2]
Set external pin function
[3]
[4]
[1] Designate TGR for buffer operation with bits
BFA and BFB in TMDR.
[2] Set rewriting timing from the buffer register with
bit BFWT in TMDR.
[3] Set the external pin function in pin function
controller (PFC).
[4] Set the CST bit in TSTR to 1 to start the count
operation.
Figure 15.9
Example of Buffer Operation Setting Procedure
(2)
Example of Buffer Operation
Figure 15.10 shows an operation example in which PWM mode has been designated for channel 0,
and buffer operation has been designated for TGRA and TGRC. The settings used in this example
are TCNT clearing by compare match B, 1 output at compare match A (TPU_TO pin), and 0
output at counter clearing. Rewriting timing from the buffer register is set at counter clearing.
As buffer operation has been set, when compare match A occurs the output changes. When
counter clearing occurs by TGRB, the output changes and the value in buffer register TGRC is
simultaneously transferred to timer general register TGRA. This operation is repeated each time
compare match A occurs.
For details of PWM modes, see section 15.4.4, PWM Modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com