Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 790 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 790 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 786Page - Renesas Technology Corp SH7721 Datasheet HTML 787Page - Renesas Technology Corp SH7721 Datasheet HTML 788Page - Renesas Technology Corp SH7721 Datasheet HTML 789Page - Renesas Technology Corp SH7721 Datasheet HTML 790Page - Renesas Technology Corp SH7721 Datasheet HTML 791Page - Renesas Technology Corp SH7721 Datasheet HTML 792Page - Renesas Technology Corp SH7721 Datasheet HTML 793Page - Renesas Technology Corp SH7721 Datasheet HTML 794Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 790 / 1524 page
background image
Section 21
Serial I/O with FIFO (SIOF)
Rev. 3.00 Jan. 18, 2008 Page 728 of 1458
REJ09B0033-0300
(2)
Regarding Transmit and Receive Classification
The transmit sources and receive sources are signals indicating the state; after being set, if the state
changes, they are automatically cleared by the SIOF.
When the DMA transfer is used, a DMA transfer request is pulled low (0 level) for one cycle at
the end of DMA transfer.
(3)
Processing when Errors Occur
On occurrence of each of the errors indicated as a status in SISTR, the SIOF performs the
following operations.
• Transmit FIFO underflow (TFUDF)
The immediately preceding transmit data is again transmitted.
• Transmit FIFO overflow (TFOVF)
The contents of the transmit FIFO are protected, and the write operation causing the overflow
is ignored.
• Receive FIFO overflow (RFOVF)
Data causing the overflow is discarded and lost.
• Receive FIFO underflow (RFUDF)
An undefined value is output on the bus.
• FS error (FSERR)
The internal counter is reset according to the FSYN signal in which an error occurs.
• Assign error (SAERR)
 If the same slot is assigned to both serial data and control data, the slot is assigned to serial
data.
 If the same slot is assigned to two control data items, data cannot be transferred correctly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com