Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 786 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 786 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 782Page - Renesas Technology Corp SH7721 Datasheet HTML 783Page - Renesas Technology Corp SH7721 Datasheet HTML 784Page - Renesas Technology Corp SH7721 Datasheet HTML 785Page - Renesas Technology Corp SH7721 Datasheet HTML 786Page - Renesas Technology Corp SH7721 Datasheet HTML 787Page - Renesas Technology Corp SH7721 Datasheet HTML 788Page - Renesas Technology Corp SH7721 Datasheet HTML 789Page - Renesas Technology Corp SH7721 Datasheet HTML 790Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 786 / 1524 page
background image
Section 21
Serial I/O with FIFO (SIOF)
Rev. 3.00 Jan. 18, 2008 Page 724 of 1458
REJ09B0033-0300
(4)
Reception in Slave Mode
Figure 21.12 shows an example of settings and operation for slave mode reception.
Start
No
Yes
No
Yes
End
No.
1
2
3
4
5
6
Set SIMDR, SISCR, SITDAR,
SIRDAR, SICDAR, and SIFCTR
Set the RXE bit in SICTR to 1
RDREQ = 1?
Transfer
ended?
Clear the RXE bit in SICTR to 0
Set operating mode, serial clock,
slot positions for transmit/receive
data, slot position for control data,
and FIFO request threshold value
Flow Chart
SIOF Settings
SIOF Operation
Issue receive transfer request
according to the receive
FIFO threshold value
Reception
End reception
Read receive data
Set to disable reception
Read SIRDR
Store SIOFRXD receive data in SIRDR
synchronously with SIOFSYNC
Set to enable reception
Enable reception when the
frame synchronous signal is
input
Figure 21.12
Example of Receive Operation in Slave Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com