Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 783 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 783 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 779Page - Renesas Technology Corp SH7721 Datasheet HTML 780Page - Renesas Technology Corp SH7721 Datasheet HTML 781Page - Renesas Technology Corp SH7721 Datasheet HTML 782Page - Renesas Technology Corp SH7721 Datasheet HTML 783Page - Renesas Technology Corp SH7721 Datasheet HTML 784Page - Renesas Technology Corp SH7721 Datasheet HTML 785Page - Renesas Technology Corp SH7721 Datasheet HTML 786Page - Renesas Technology Corp SH7721 Datasheet HTML 787Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 783 / 1524 page
background image
Section 21
Serial I/O with FIFO (SIOF)
Rev. 3.00 Jan. 18, 2008 Page 721 of 1458
REJ09B0033-0300
21.4.7
Transmit and Receive Procedures
(1)
Transmission in Master Mode
Figure 21.9 shows an example of settings and operation for master mode transmission.
Flow Chart
SIOF Settings
SIOF Operation
Start
Set SIMDR, SISCR, SITDAR,
SIRDAR, SICDAR, and SIFCTR
Set operating mode, serial clock,
slot positions for transmit/receive
data, slot position for control data,
and FIFO request threshold value
Set the SCKE bit in SICTR to 1
Start SIOFSCK output
Set the FSE and TXE bits
in SICTR to 1
Clear the TXE bit in SICTR to 0
TDREQ = 1?
No
Yes
No
Yes
Set SITDR
Transmit SITDR from SIOFTXD
synchronously with SIOFSYNC
Transfer
ended?
End
Set operation start for baud rate
generator
Set the start for frame synchronous
signal output and enable
transmission
Set transmit data
Set to disable transmission
Output serial clock
Output frame synchronous
signal and issue transmit
transfer request*
Transmit
End transmission
No.
1
2
3
4
5
6
7
8
Set the FSE bit in SICTR to 0
Set the MSSEL bit in SISCR to 1
Set BRDV=111
and BPRS=00000 in SISCR
Start the setting FSE=0,
TXE=0 and other bit.
Add pulse (0
→1→0)
to the TXRST in SISCR
Reset the master clock source
and baud rate in SISCR
Synchronize this LSI internal
frame with FSE=0 if restarting
transmit later.
Execute internal initialization
of the bit rate generator
if restarting transmit later.
'No' requires further setting
if transmission is not restarted
(No).
When returning to the same
transmit mode from here,
go back to No.4, FSE setting,
on this flowchart.
Go to "Start" on each flowchart.
9
10
11
12
No
Yes
Change other
transmit mode?
Note: * When interrupts due to transmit data underflow are enabled, after setting the no. 6 transmit data, the
TXE bit should be set to 1.
Figure 21.9
Example of Transmit Operation in Master Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com