Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 787 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 787 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 783Page - Renesas Technology Corp SH7721 Datasheet HTML 784Page - Renesas Technology Corp SH7721 Datasheet HTML 785Page - Renesas Technology Corp SH7721 Datasheet HTML 786Page - Renesas Technology Corp SH7721 Datasheet HTML 787Page - Renesas Technology Corp SH7721 Datasheet HTML 788Page - Renesas Technology Corp SH7721 Datasheet HTML 789Page - Renesas Technology Corp SH7721 Datasheet HTML 790Page - Renesas Technology Corp SH7721 Datasheet HTML 791Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 787 / 1524 page
background image
Section 21
Serial I/O with FIFO (SIOF)
Rev. 3.00 Jan. 18, 2008 Page 725 of 1458
REJ09B0033-0300
(5)
Transmit/Receive Reset
The SIOF can separately reset the transmit and receive units by setting the following bits to 1.
• Transmit reset: TXRST bit in SICTR
• Receive reset: RXRST bit in SICTR
Table 21.11 shows the details of initialization upon transmit or receive reset.
Table 21.11 Transmit and Receive Reset
Type
Objects Initialized
Transmit reset
SITDR
Transmit FIFO write pointer and read pointer
TCRDY, TFEMP, and TDREQ bits in SISTR
TXE bit in SICTR
Receive reset
SIRDR
Receive FIFO write pointer and read pointer
RCRDY, RFFUL, and RDREQ bits in SISTR
RXE bit in SICTR
Notes: Refer to the following procedure to operate the transmit reset/receive reset.
1
Set the master clock source in the peripheral clock. (Write 1 (master clock = P
φ
(peripheral clock)) to the MSSEL bit in the SISCR register).
2
Set the prescaler count value of the baud rate generator to 1/1. (Write "00000" (division
ratio = 1/1) to BRPS bits 4 to 0 in the SISCR register).
3
Set the division ratio in the bit rate generator's output level to 1/1. (Write "111" (division
ratio =1/1) to BRDV bits 2 to 0 in the SISCR register).
4
Reset transmit/receive operation. (To reset, write "1" to the TXRST or RXRST bit in the
SICTR register).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com