Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 782 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 782 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 778Page - Renesas Technology Corp SH7721 Datasheet HTML 779Page - Renesas Technology Corp SH7721 Datasheet HTML 780Page - Renesas Technology Corp SH7721 Datasheet HTML 781Page - Renesas Technology Corp SH7721 Datasheet HTML 782Page - Renesas Technology Corp SH7721 Datasheet HTML 783Page - Renesas Technology Corp SH7721 Datasheet HTML 784Page - Renesas Technology Corp SH7721 Datasheet HTML 785Page - Renesas Technology Corp SH7721 Datasheet HTML 786Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 782 / 1524 page
background image
Section 21
Serial I/O with FIFO (SIOF)
Rev. 3.00 Jan. 18, 2008 Page 720 of 1458
REJ09B0033-0300
Table 21.10 Conditions to Issue Receive Request
RFWM2 to RFWM0
Number of
Requested Stages
Receive Request
Used Areas
000
1
Valid data is 1 stage or more
100
4
Valid data is 4 stages or more
101
8
Valid data is 8 stages or more
110
12
Valid data is 12 stages or more
Smallest
111
16
Valid data is 16 stages
Largest
The number of stages of the FIFO is always sixteen even if the data area or empty area exceeds the
FIFO size (the number of FIFOs). Accordingly, an overflow error or underflow error occurs if data
area or empty area exceeds sixteen FIFO stages. The FIFO transmit or receive request is canceled
when the above condition is not satisfied even if the FIFO is not empty or full.
(3)
Number of FIFOs
The number of FIFO stages used in transmission and reception is indicated by the following
register.
• Transmit FIFO: The number of empty FIFO stages is indicated by the TFUA4 to TFUA0 bits
in SIFCTR.
• Receive FIFO: The number of valid data stages is indicated by the RFUA4 to RFUA0 bits in
SIFCTR.
The above indicate possible data numbers that can be transferred by the CPU or DMAC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com