Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 778 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 778 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 774Page - Renesas Technology Corp SH7721 Datasheet HTML 775Page - Renesas Technology Corp SH7721 Datasheet HTML 776Page - Renesas Technology Corp SH7721 Datasheet HTML 777Page - Renesas Technology Corp SH7721 Datasheet HTML 778Page - Renesas Technology Corp SH7721 Datasheet HTML 779Page - Renesas Technology Corp SH7721 Datasheet HTML 780Page - Renesas Technology Corp SH7721 Datasheet HTML 781Page - Renesas Technology Corp SH7721 Datasheet HTML 782Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 778 / 1524 page
background image
Section 21
Serial I/O with FIFO (SIOF)
Rev. 3.00 Jan. 18, 2008 Page 716 of 1458
REJ09B0033-0300
Table 21.6
Audio Mode Specification for Transmit Data
Bit
Mode
TDLE
TDRE
TLREP
Monaural
1
0
x
Stereo
1
1
0
Left and right same audio output
1
1
1
Note:
x: Don't care
Table 21.7
Audio Mode Specification for Receive Data
Bit
Mode
RDLE
RDRE
Monaural
1
0
Stereo
1
1
Note:
Left and right same audio mode is not supported in receive data.
To execute 8-bit monaural transmission or reception, use the left channel.
(2)
Control Data
Control data is written to or read from by the following registers.
• Transmit control data write: SITCR (32-bit access)
• Receive control data read: SIRCR (32-bit access)
Figure 21.6 shows the control data and bit alignment in SITCR and SIRCR.
31
24 23
16 15
8 7
0
31
24 23
16 15
8 7
0
(a) Control data: One channel
(b) Control data: Two channels
Control data
(channel 0)
Control data
(channel 0)
Control data
(channel 1)
Figure 21.6
Control Data Bit Alignment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com