Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 775 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 775 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 771Page - Renesas Technology Corp SH7721 Datasheet HTML 772Page - Renesas Technology Corp SH7721 Datasheet HTML 773Page - Renesas Technology Corp SH7721 Datasheet HTML 774Page - Renesas Technology Corp SH7721 Datasheet HTML 775Page - Renesas Technology Corp SH7721 Datasheet HTML 776Page - Renesas Technology Corp SH7721 Datasheet HTML 777Page - Renesas Technology Corp SH7721 Datasheet HTML 778Page - Renesas Technology Corp SH7721 Datasheet HTML 779Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 775 / 1524 page
background image
Section 21
Serial I/O with FIFO (SIOF)
Rev. 3.00 Jan. 18, 2008 Page 713 of 1458
REJ09B0033-0300
21.4.3
Transfer Data Format
The SIOF performs the following transfer.
• Transmit/receive data: Transfer of 8-bit data/16-bit data/16-bit stereo data
• Control data: Transfer of 16-bit data (uses the specific register as interface)
(1)
Transfer Mode
The SIOF supports the following four transfer modes as listed in table 21.4. The transfer mode can
be specified by the TRMD1 and TRMD0 bits in SIMDR.
Table 21.4
Serial Transfer Modes
Transfer Mode
SIOFSYNC
Bit Delay
Control Data
Slave mode 1
Synchronous pulse
Slot position
Slave mode 2
Synchronous pulse
Secondary FS
Master mode 1
Synchronous pulse
SYNCDL bit
Slot position
Master mode 2
L/R
No*
Not supported
Note:
*
Depending on the timing of SYNC signal output, bit delay may be generated in head
frame. For details, see section 21.5, Usage Notes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com